Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 170Page - STMicroelectronics ST10F296E Datasheet HTML 171Page - STMicroelectronics ST10F296E Datasheet HTML 172Page - STMicroelectronics ST10F296E Datasheet HTML 173Page - STMicroelectronics ST10F296E Datasheet HTML 174Page - STMicroelectronics ST10F296E Datasheet HTML 175Page - STMicroelectronics ST10F296E Datasheet HTML 176Page - STMicroelectronics ST10F296E Datasheet HTML 177Page - STMicroelectronics ST10F296E Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
174/346
XPort 10 pins have a special port structure (see Figure 61) because the port is input only
and because the analog input channels are directly connected to the pins rather than to the
input latches.
Figure 61.
Block diagram of an XPort 10 pin
13.12.3
XPort 10 analog inputs disturb protection
The XP10DIDIS, XP10DIDISSET, and XP10DIDISCLR registers are provided for additional
disturb protection support on the analog inputs. Once one bit of any of the registers is set,
the corresponding pin can no longer be used as general purpose input.
XP10DIDIS register
Read port XP10.y
Input
latch
Clock
XP10.y/AN(y+16)
Read
buffer
To sample + hold
circuit
Channel
select
Analog
switch
y = 15 to 0
XP10DIDIS.y
XP10DIDIS (EBD2h)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XP1
0DI
DIS
.15
XP1
0DI
DIS
.14
XP1
0DI
DIS
.13
XP1
0DI
DIS
.12
XP1
0DI
DIS
.11
XP1
0DI
DIS
.10
XP1
0DI
DIS
.9
XP1
0DI
DIS
.8
XP1
0DI
DIS
.7
XP1
0DI
DIS
.6
XP1
0DI
DIS
.5
XP1
0DI
DIS
.4
XP1
0DI
DIS
.3
XP1
0DI
DIS
.2
XP1
0DI
DIS
.1
XP1
0DI
DIS
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 113.
XP10DIDIS register description
Bit
Bit name
Function
15-0
XP10DIDIS.y
XPort 10 digital disable register bit y
0: Port line XP10.y digital input is enabled (Schmitt trigger enabled)
1: Port line XP10.y digital input is disabled (Schmitt trigger disabled,
necessary for input leakage current reduction).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com