Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 173Page - STMicroelectronics ST10F296E Datasheet HTML 174Page - STMicroelectronics ST10F296E Datasheet HTML 175Page - STMicroelectronics ST10F296E Datasheet HTML 176Page - STMicroelectronics ST10F296E Datasheet HTML 177Page - STMicroelectronics ST10F296E Datasheet HTML 178Page - STMicroelectronics ST10F296E Datasheet HTML 179Page - STMicroelectronics ST10F296E Datasheet HTML 180Page - STMicroelectronics ST10F296E Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Analog-to-digital converter (ADC)
177/346
14.1
Mode selection and operation
The analog input channels AN0 to AN15 are alternate functions of Port 5 which is a 16-bit
input-only port (see Section 13.7.2: Alternate functions of port 5 on page 150). Port 5 lines
may either be used as analog or digital inputs. No special action is required to configure the
lines as analog inputs. An additional register P5DIDIS can be used to protect the ADC input
analog section from disabling the digital input section.
The analog input channels AN16 to AN31 are alternate functions of XPort 10 which is also a
16-bit input-only port (see Section 13.12.2: Alternate functions of XPort 10 on page 173).
XPort 10 lines may also be used as either analog or digital inputs and the additional
XP10DIDIS register can be used to protect the ADC input analog section from disabling the
digital input section.
To configure XPort 10 lines as analog inputs, it is first recommended to set register
XP10DIDIS. Next, bit ADCMUX of register XMISC must be set. This ensures that all analog
input channels of Por t5 are disabled and that the analog signal to the ADC is provided
through the XPort 10 pins.
Note:
Both the XMISC and XP10DIDIS registers can be accessed only after the XMISCEN and
XPEN bits of the XPERCON and SYSCON registers have been set.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com