Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 177Page - STMicroelectronics ST10F296E Datasheet HTML 178Page - STMicroelectronics ST10F296E Datasheet HTML 179Page - STMicroelectronics ST10F296E Datasheet HTML 180Page - STMicroelectronics ST10F296E Datasheet HTML 181Page - STMicroelectronics ST10F296E Datasheet HTML 182Page - STMicroelectronics ST10F296E Datasheet HTML 183Page - STMicroelectronics ST10F296E Datasheet HTML 184Page - STMicroelectronics ST10F296E Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Analog-to-digital converter (ADC)
181/346
Clock
The XTCVR register clock is the prescaler output. The prescaler allows the basic register
frequency to be divided, therebyoffering a wide range of counting periods, from 22 to 233
cycles.
Registers
The XTCVR register input is linked to several sources:
●
XTSVR register (start value) for reload when the period is finished, or for load when the
timer is starting.
●
Incrementer output when the ‘up’ mode is selected
●
Decrementer output when the ’down’ mode is selected
●
Selection between sources is made through the XTCR control register.
By setting the TEN bit of the XTCR register to 1 when starting the timer, XTCVR is loaded
with the XTSVR value on the first rising edge of the counting clock (XB_CLK in Figure 63).
The XTCVR register output is continuously compared to the XTEVR register to detect the
end of the counting period. When the registers are equal, several things are done
depending on the XTCR control register content:
●
The output XADCINJ trigger event is generated conditionally depending on the TOE
control bit.
●
XTCVR is loaded with XTSVR, or it stops, or it continues to count (see Table 117:
Different counting modes on page 181).
XTEVR, XTSVR and all the XTCR bits except TEN must not be modified while the timer is
counting (while XTCR.TEN = 1). The timer can be configured only when it is stopped (TEN =
0). If this rule is not respected, timer behavior is not guaranteed. When programming the
timer, the XTEVR, XTSVR and XTCR bits (except TEN) can be modified, with TEN = 0. The
timer is started by modifying the TEN bit. To stop the timer, the TEN bit is modified from 1 to
0. To avoid any problems, it is recommended to modify the XTCR register in two steps: First,
by writing the new value without setting the TEN bit and second, by re-writing the new value
with the the TEN bit set.
.
Note:
Setting the TEN bit to 1 loads the XTCVR register with the TSVR value. If the ‘down’ counter
mode is selected and XTSVR is less then XTEVR, the XTCVR is loaded with the XTSVR
value, but, the timer does not start to count (the current value is hold). The same behavior
occurs in up counter mode (TUD = 1) if TSVR > TEVR.
Table 117.
Different counting modes
TLE
TCS
TCVR(n) = TEVR
TUD
TEN
TCVR (n+1)
comments
xx
x
x
0
TCVR (n)
Timer disable
x0
1
x
1
Stop
xx
0
0
TCVR (n)-1
Decrement
0
1
1
Decrement (continue)
xx
0
1
TCVR (n)+1
Increment
0
1
1
Increment (continue)
1
1
1
x
TSVR
Load
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com