Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 179Page - STMicroelectronics ST10F296E Datasheet HTML 180Page - STMicroelectronics ST10F296E Datasheet HTML 181Page - STMicroelectronics ST10F296E Datasheet HTML 182Page - STMicroelectronics ST10F296E Datasheet HTML 183Page - STMicroelectronics ST10F296E Datasheet HTML 184Page - STMicroelectronics ST10F296E Datasheet HTML 185Page - STMicroelectronics ST10F296E Datasheet HTML 186Page - STMicroelectronics ST10F296E Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Serial channels
183/346
15
Serial channels
Serial communication with other microcontrollers, microprocessors, terminals or external
peripheral components is provided by up to four serial interfaces: Two
asynchronous/synchronous serial channels (ASC0 and ASC1) and two high-speed
synchronous serial channels (SSC0 and SSC1). Dedicated baud rate generators set up all
standard baud rates without needing to tune the oscillator. For transmission, reception and
erroneous reception, separate interrupt vectors are provided for ASC0 and SSC0 serial
channels. A more complex mechanism of interrupt source multiplexing is implemented for
ASC1 and SSC1 (XBus mapped).
15.1
Asynchronous/synchronous serial interface (ASC0)
The asynchronous/synchronous serial interfaces (ASC0) provides serial communication
between the ST10F296E and other microcontrollers, microprocessors or external
peripherals.
15.1.1
ASC0 in asynchronous mode
In asynchronous mode, 8- or 9-bit data transfer, parity generation and the number of stop
bits can be selected. Parity framing and overrun error detection is provided to increase the
reliability of data transfers. Transmission and reception of data is double-buffered. Full-
duplex communication up to 2 Mbauds (at 64 MHz of fCPU) is supported in this mode. For
reference, see Figure 64.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com