Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 183Page - STMicroelectronics ST10F296E Datasheet HTML 184Page - STMicroelectronics ST10F296E Datasheet HTML 185Page - STMicroelectronics ST10F296E Datasheet HTML 186Page - STMicroelectronics ST10F296E Datasheet HTML 187Page - STMicroelectronics ST10F296E Datasheet HTML 188Page - STMicroelectronics ST10F296E Datasheet HTML 189Page - STMicroelectronics ST10F296E Datasheet HTML 190Page - STMicroelectronics ST10F296E Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Serial channels
187/346
Table 120.
Commonly used baud rates by reload value and deviation error
(fCPU = 40 MHz)
S0BRS = 0, fCPU = 40 MHz
S0BRS = 1, fCPU = 40 MHz
Baud rate
(baud)
Deviation error(1)
(%)
1.
The deviation errors given above are rounded. To avoid deviation errors use a baud rate crystal (providing
a multiple of the ASC0 sampling frequency).
Reload value
(hex)
Baud rate
(baud)
Deviation error(1)
(%)
Reload value
(hex)
5 000 000
0.0/0.0
0000/0000
3 333 333
0.0/0.0
0000/0000
112 000
1.5/-0.8
002B/002C
112 000
2.6/-0.8
001C/001D
56 000
0.3/-0.8
0058/0059
56 000
0.9/-0.8
003A/003B
38 400
0.2/-0.6
0081/0082
38 400
0.9/-0.2
0055/0056
19 200
0.2/-0.2
0103/0104
19 200
0.4/-0.2
00AC/00AD
9 600
0.2/0.0
0207/0208
9 600
0.1/-0.2
015A/015B
4 800
0.1/0.0
0410/0411
4 800
0.1/-0.1
02B5/02B6
2 400
0.0/0.0
0822/0823
2 400
0.1/0.0
056B/056C
1 200
0.0/0.0
1045/1046
1 200
0.0/0.0
0AD8/0AD9
900
0.0/0.0
15B2/15B3
600
0.0/0.0
15B2/15B3
612
0.0/0.0
1FE8/1FE9
407
0.0/0.0
1FFD/1FFE
Table 121.
Commonly used baud rates by reload value and deviation errors
(fCPU = 64 MHz)
S0BRS = 0, fCPU = 64 MHz
S0BRS = 1, fCPU = 64 MHz
Baud rate
(baud)
Deviation error(1)
(%)
1.
The deviation errors given above are rounded. To avoid deviation errors use a baud rate crystal (providing
a multiple of the ASC0 sampling frequency).
Reload value
(hex)
Baud rate
(baud)
Deviation error(1)
(%)
Reload value
(hex)
8 000 000
0.0/0.0
0000/0000
5 333 333
0.0/0.0
0000/0000
112 000
0.6/-0.8
0046/0047
112 000
1.3/-0.8
002E/002F
56 000
0.6/-0.1
008D/008E
56 000
0.3/-0.8
005E/005F
38 400
0.2/-0.3
00CF/00D0
38 400
0.6/0.1
0089/008A
19 200
0.2/-0.1
019F/01A0
19 200
0.3/-0.1
0114/0115
9 600
0.0/-0.1
0340/0341
9 600
0.1/-0.1
022A/022B
4 800
0.0/0.0
0681/0682
4 800
0.0/-0.1
0456/0457
2 400
0.0/0.0
0D04/0D05
2 400
0.0/0.0
08AD/08AE
1 200
0.0/0.0
1A09/1A0A
1 200
0.0/0.0
115B/115C
977
0.0/0.0
1FFB/1FFC
900
0.0/0.0
1724/1725
652
0.0/0.0
1FF2/1FF3
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com