Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 190 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 190 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 186Page - STMicroelectronics ST10F296E Datasheet HTML 187Page - STMicroelectronics ST10F296E Datasheet HTML 188Page - STMicroelectronics ST10F296E Datasheet HTML 189Page - STMicroelectronics ST10F296E Datasheet HTML 190Page - STMicroelectronics ST10F296E Datasheet HTML 191Page - STMicroelectronics ST10F296E Datasheet HTML 192Page - STMicroelectronics ST10F296E Datasheet HTML 193Page - STMicroelectronics ST10F296E Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Serial channels
ST10F296E
190/346
15.4
High speed synchronous serial interface (SSC1)
The XBus high-speed synchronous serial interface, SSC1, provides the same features as
the SSC0. Baud rate formulae are the same. The main differences are the register interface
and interrupt management.
Table 123.
Synchronous baud rate and reload values (fCPU = 64 MHz)
Baud rate
Bit time
Reload value
Reserved
-
0000h
Can be used only with fCPU = 32 MHz (or lower)
-
0001h
Can be used only with fCPU = 48 MHz (or lower)
-
0002h
8 Mbaud
125 ns
0003h
4 Mbaud
250 ns
0007h
1 Mbaud
1 µs
001Fh
100 Kbaud
10 µs
013Fh
10 Kbaud
100 µs
0C7Fh
1 Kbaud
1 ms
7CFFh
489 baud
2.04 ms
FF9Eh
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com