Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 194 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 194 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 190Page - STMicroelectronics ST10F296E Datasheet HTML 191Page - STMicroelectronics ST10F296E Datasheet HTML 192Page - STMicroelectronics ST10F296E Datasheet HTML 193Page - STMicroelectronics ST10F296E Datasheet HTML 194Page - STMicroelectronics ST10F296E Datasheet HTML 195Page - STMicroelectronics ST10F296E Datasheet HTML 196Page - STMicroelectronics ST10F296E Datasheet HTML 197Page - STMicroelectronics ST10F296E Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CAN modules
ST10F296E
194/346
17.4
CAN bus configurations
Depending on the application, CAN bus configuration may be one single bus with single or
multiple interfaces or a multiple bus with single or multiple interfaces. The ST10F296E is
able to support both situations.
17.4.1
Single CAN bus
The single CAN bus multiple interface configuration may be implemented using two CAN
transceivers as shown in Figure 67.
Figure 67.
Connection to a single CAN bus via separate CAN transceivers
The ST10F296E also supports single CAN bus multiple (dual) interfaces using the open-
drain option of the CANx_TxD output as shown in Figure 68. Due to the OR-wired
connection, only one transceiver is required. In this case the design of the application must
take into account the wire length and the noise environment.
Figure 68.
Connection to a single CAN bus via common CAN transceivers
CAN1
RX
TX
CAN_H
CAN_L
CAN bus
CAN2
RX
TX
XMISC.CANPAR = 0
CAN
CAN
transceiver
transceiver
P4.4
P4.7
P4.5
P4.6
OD = Open-drain output
+5 V
CAN
CAN_H
CAN_L
CAN bus
2.7 k
Ω
OD
transceiver
XMISC.CANPAR = 0
CAN1
RX
TX
CAN2
RX
TX
P4.4
P4.7
P4.5
P4.6
OD
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com