Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 175Page - STMicroelectronics ST10F296E Datasheet HTML 176Page - STMicroelectronics ST10F296E Datasheet HTML 177Page - STMicroelectronics ST10F296E Datasheet HTML 178Page - STMicroelectronics ST10F296E Datasheet HTML 179Page - STMicroelectronics ST10F296E Datasheet HTML 180Page - STMicroelectronics ST10F296E Datasheet HTML 181Page - STMicroelectronics ST10F296E Datasheet HTML 182Page - STMicroelectronics ST10F296E Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Analog-to-digital converter (ADC)
179/346
Note:
Total conversion time is compatible with the formula valid for the ST10F280, but, the
meaning of the bit fields ADCTC and ADSTC is not. The minimum conversion time is
388 TCL, which at 40 MHz CPU frequency corresponds to 4.85 µs (see the ST10F280
datasheet). ST10F296E devices can target a maximum CPU frequency of 64 MHz. This
means that the minimum conversion time is around 3 µs.
14.2
Calibration
A full calibration sequence is performed after a reset. It lasts 40.629 ± 1 CPU clock cycles.
During this time, the busy flag, ADBSY, is set to indicate the operation. It compensates the
capacitance mismatch, so, the calibration procedure does not need to be updated during
normal operation.
No conversion can be performed during the calibration time. The ADBSY bit must be polled
to verify when calibration is over, and the module can start a convertion.
At the end of the calibration, both the ADCIR and ADEIR flags are set, because the
calibration process repeatedly writes spurious conversion results inside the ADDAT register.
Consequently, before starting a conversion, the application performs a dummy read of the
ADDAT register and clears the two flags in the ADC initialization routine.
Note:
If the ADDAT register is not read before starting the first conversion, and if a ‘wait for read
mode’ is entered (by setting the ADWR bit), the ADC is stacked waiting for the register
ADDAT read. This is because the result of the current conversion cannot be immediately
written inside the ADDAT register which contains the results of the calibration.
Table 116.
ADC programming at fCPU = 64 MHz
ADCTC
ADSTC
Sample
Comparison
Extra
Total convertion
00
00
0.94 µs
1.88 µs
0.22 µs
3.03 µs
00
01
1.09 µs
2.19 µs
0.13 µs
3.41 µs
00
10
1.56 µs
2.19 µs
0.41 µs
4.16 µs
00
11
3.13 µs
2.19 µs
0.34 µs
5.66 µs
11
00
1.88 µs
3.75 µs
0.41 µs
6.03 µs
11
01
2.19 µs
4.38 µs
0.22 µs
6.78 µs
11
10
3.13 µs
4.38 µs
0.78 µs
8.28 µs
11
11
6.25 µs
4.38 µs
0.41 µs
11.28 µs
10
00
3.75 µs
7.50 µs
0.78 µs
12.03 µs
10
01
4.38 µs
8.75 µs
0.41 µs
13.53 µs
10
10
6.25 µs
8.75 µs
1.53 µs
16.53 µs
10
11
12.5 µs
8.75 µs
1.28 µs
22.53 µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com