Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 176Page - STMicroelectronics ST10F296E Datasheet HTML 177Page - STMicroelectronics ST10F296E Datasheet HTML 178Page - STMicroelectronics ST10F296E Datasheet HTML 179Page - STMicroelectronics ST10F296E Datasheet HTML 180Page - STMicroelectronics ST10F296E Datasheet HTML 181Page - STMicroelectronics ST10F296E Datasheet HTML 182Page - STMicroelectronics ST10F296E Datasheet HTML 183Page - STMicroelectronics ST10F296E Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Analog-to-digital converter (ADC)
ST10F296E
180/346
14.3
XTimer module
The XTimer module is a 16-bit up/down counter with a 4-bit exponential scaler dedicated to
the channel injection mode of the ADC. This mode injects channel into a running sequence
without disturbing it. The PEC stores the conversion results in the memory without entering
and exiting interrupt routines for each data transfer.
A channel injection can be triggered by an event on the capture/compare CC31 (Port P7.7)
of the CAPCOM2 unit by externally connecting the dedicated output XADCINJ of the XTimer
to the input P7.7/CC31. The ADC exclusively converts Port 5 or XPort 10 inputs. If one ‘y’
channel has to be used continuously in injection mode, it must be externally connected by
hardware to Port5.y and XPort10.y inputs.
The XTimer peripheral is enabled by setting the XPEN bit of the SYSCON register and bit
10 of the XPERCON register.
14.3.1
Main features
Main features include:
–
16-bit linear timer with 4-bit exponential prescaler
–
Counting between 16-bit ‘start value’ and 16-bit ‘end value’
–
Counting period between four cycles and 233 cycles (62.5 ns and 134 s using 64
MHz CPU clock)
–
1 trigger output (XADCINJ)
Programmable functions include:
–
Up/down counting
–
Reload enable
–
Continue/stop modes
Figure 63.
XTimer block diagram
Exponential
XB_CLK
XTCR
register
XTSVR
register
XTEVR
register
XTCVR
register
XBus interface
= +1 -1
XADCINJ
scaler
XADCINJ
Data bus
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com