Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 159Page - STMicroelectronics ST10F296E Datasheet HTML 160Page - STMicroelectronics ST10F296E Datasheet HTML 161Page - STMicroelectronics ST10F296E Datasheet HTML 162Page - STMicroelectronics ST10F296E Datasheet HTML 163Page - STMicroelectronics ST10F296E Datasheet HTML 164Page - STMicroelectronics ST10F296E Datasheet HTML 165Page - STMicroelectronics ST10F296E Datasheet HTML 166Page - STMicroelectronics ST10F296E Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
163/346
13.10
Port 8
This is an 8-bit port. If it is used for general purpose I/O, the direction of each line can be
configured via the corresponding direction register DP8. Each port line can be switched into
push-pull or open-drain mode via the open-drain control register ODP8.
In the ST10F296E, XASC (or ASC1) is implemented on pins P8.6 and P8.7. When the
module is enabled through the XPERCON register, the corresponding bits P8, DP8 and
ODP8 are overwritten by the new XS1PORT register (mapped on the XBus). This allows the
user to program pins P8.6 and P8.7 according to the ASC1 configuration.
13.10.1
Port 8 registers
P8 register
DP8 register
P8 (FFD4h/EAh)
SFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
P8.7 P8.6 P8.5 P8.4 P8.3 P8.2 P8.1 P8.0
---
-----
RW
RW
RW
RW
RW
RW
RW
RW
Table 97.
P8 register description
Bit
Bit name
Function
7-0
P8.y
Port data register P8 bit y
DP8 (FFD6h/EBh)
SFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
DP8
.7
DP8
.6
DP8
.5
DP8
.4
DP8
.3
DP8
.2
DP8
.1
DP8
.0
---
-----
RW
RW
RW
RW
RW
RW
RW
RW
Table 98.
DP8 register description
Bit
Bit name
Function
7-0
DP8.y
Port direction register DP8 bit y
0: Port line P8.y is an input (high impedance)
1: Port line P8.y is an output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com