Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 212 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 212 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 208Page - STMicroelectronics ST10F296E Datasheet HTML 209Page - STMicroelectronics ST10F296E Datasheet HTML 210Page - STMicroelectronics ST10F296E Datasheet HTML 211Page - STMicroelectronics ST10F296E Datasheet HTML 212Page - STMicroelectronics ST10F296E Datasheet HTML 213Page - STMicroelectronics ST10F296E Datasheet HTML 214Page - STMicroelectronics ST10F296E Datasheet HTML 215Page - STMicroelectronics ST10F296E Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Watchdog timer
ST10F296E
212/346
The PONR flag of the WDTCON register is set if the output voltage of the internal 1.8 V
supply falls below the threshold of the power-on detection circuit (typically 1.5 V). This circuit
can detect major failures of the external 5 V supply, but, if the internal 1.8 V supply does not
drop below 1.5 V, the PONR flag is not set.
This could occur with a fast switch off/switch on of the 5 V supply. The time needed for such
a sequence to activate the PONR flag depends on the value of the capacitors connected to
the supply and on the exact value of the internal threshold of the detection circuit.
Table 127.
WDTCON register description
Bit
Bit name
Function
15-8
WDTREL
Watchdog reload value
5PONR(1)(2)(3)
1.
More than one reset indication flag may be set. After EINIT, all flags are cleared.
2.
Power-on is detected when a rising edge from V18 = 0 V to V18 > 1.5 V is recognized on the internal 1.8 V
supply.
3.
Bit cannot be modified directly by software.
Power-on (asynchronous) reset indication flag
Set by the input RSTIN if a power-on condition has been detected.
Cleared by the EINIT instruction.
4LHWR(1)(2)(3)
Long hardware reset indication flag
Set by the input RSTIN. Cleared by the EINIT instruction.
3SHWR(1)(2)(3)
Short hardware reset indication flag
Set by the input RSTIN. Cleared by the EINIT instruction.
2SWR(1)(2)(3)
Software reset indication flag
Set by the SRST execution. Cleared by the EINIT instruction.
1WDTR(1)(2)(3)
Watchdog timer reset indication flag
Set by the watchdog timer on an overflow. Cleared by a hardware reset
or by the SRVWDT instruction.
0WDTIN
Watchdog timer input frequency selection
0: Input frequency is fCPU/2.
1: Input frequency is fCPU/128.
Table 128.
WDTCON bit values on different resets
Reset source
PONR
LHWR
SHWR
SWR
WDTR
Power-on reset
X
X
X
X
Power-on after partial supply
failure
(1)(2)
1.
PONR bit cannot be set because of a short supply failure.
2.
For power-on reset and resets after supply partial failure, asynchronous resets must be used.
XX
X
Long hardware reset
X
X
X
Short hardware reset
X
X
Software reset
X
Watchdog reset
X
X
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com