Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 214 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 214 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 210Page - STMicroelectronics ST10F296E Datasheet HTML 211Page - STMicroelectronics ST10F296E Datasheet HTML 212Page - STMicroelectronics ST10F296E Datasheet HTML 213Page - STMicroelectronics ST10F296E Datasheet HTML 214Page - STMicroelectronics ST10F296E Datasheet HTML 215Page - STMicroelectronics ST10F296E Datasheet HTML 216Page - STMicroelectronics ST10F296E Datasheet HTML 217Page - STMicroelectronics ST10F296E Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
System reset
ST10F296E
214/346
20
System reset
System reset initializes the MCU in a predefined state. There are six ways to activate a reset
state. The system start-up configuration is different for each case as shown in Table 131
.
20.1
Input filter
On the RSTIN input pin, an on-chip RC filter is implemented. It is sized to filter all the spikes
shorter than 50 ns. On the other side, a valid pulse must be longer than 500 ns so that the
ST10 recognizes a reset command. Between 50 ns and 500 ns, a pulse can either be
filtered or recognized as valid, depending on the operating conditions and process
variations.
For this reason, all minimum durations for the different types of reset events in this section,
should be carefully evaluated taking account of the above requirements.
In particular, for the short hardware reset, where only 4 TCL is specified as the minimum
input reset pulse duration, the operating frequency is a key factor. For example:
●
For a CPU clock of 64 MHz, 4 TCL is 31.25 ns, so it is filtered: In this case, the
minimum becomes the value imposed by the filter (500 ns).
●
For a CPU clock of 4 MHz, 4 TCL is 500 ns: In this case, the minimum value from the
formula (see conditions column in Table 131) is coherent with the limit imposed by the
filter.
Table 131.
Reset event definition
Reset source
Flag
RPD
status
Conditions
Power-on reset
PONR
Low
Power-on
Asynchronous hardware
reset
LHWR
Low
tRSTIN > 500 ns and > Port 0 set-up time
(1)
1.
The RSTIN pulse should be > 500 ns (filter) and > Port 0 set-up time. If Port 0 set-up time is below 500
ns, there is no additional settling time. See Section 20.1 for more details on minimum and reset pulse
duration.
Synchronous long
hardware reset
High
tRSTIN > (1032 + 12) TCL + max (4 TCL, 500 ns)
Synchronous short
hardware reset
SHWR
High
tRSTIN > max(4 TCL, 500 ns)
tRSTIN ≤(1032 + 12) TCL + max (4 TCL, 500ns)
Watchdog timer reset
WDTR
(2)
2.
The RPD pin status has no influence unless a bidirectional reset is activated (BDRSTEN bit in the
SYSCON register). When RPD is low, bidirectional resets on software and watchdog timer reset events
are inhibited (that is, RSTIN is not activated) Refer to Section 20.4, Section 20.5 and Section 20.6).
WDT overflow
Software reset
SWR
(2)
SRST instruction execution
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com