Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 218 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 218 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 214Page - STMicroelectronics ST10F296E Datasheet HTML 215Page - STMicroelectronics ST10F296E Datasheet HTML 216Page - STMicroelectronics ST10F296E Datasheet HTML 217Page - STMicroelectronics ST10F296E Datasheet HTML 218Page - STMicroelectronics ST10F296E Datasheet HTML 219Page - STMicroelectronics ST10F296E Datasheet HTML 220Page - STMicroelectronics ST10F296E Datasheet HTML 221Page - STMicroelectronics ST10F296E Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
System reset
ST10F296E
218/346
Figure 76.
Asynchronous power-on reset (EA = 0)
1.
Three to eight TCL depending on clock source selection.
20.2.2
Hardware reset
An asynchronous reset is used to recover from catastrophic situations of the application. It
may be triggered by the hardware of the application. Internal hardware logic and application
circuitry are described in Section 20.7: Reset circuitry on page 233 and in Figure 88,
Figure 89 and Figure 91. Asynchronous resets occur when the RSTIN pin is low and the
RPD pin is detected (or becomes) low.
RSTIN
P0[15:13]
P0[12:2]
Not t.
Transparent
Not t.
P0[1:0]
Not t.
Not transparent
V18
XTAL1
...
3..8 TCL(1)
RST
Latching point of Port 0 for
system start-up configuration
VDD
≥ 1 ms (for on-chip VREG stabilization)
RPD
ALE
≥ 1.2 ms (for resonator oscillation + PLL stabilization)
≥ 10.2 ms (for crystal oscillation + PLL stabilization)
RSTF
≤500 ns
(after filter)
≥ 50 ns
8 TCL
Transparent
3..4 TCL
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com