Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 222 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 222 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 218Page - STMicroelectronics ST10F296E Datasheet HTML 219Page - STMicroelectronics ST10F296E Datasheet HTML 220Page - STMicroelectronics ST10F296E Datasheet HTML 221Page - STMicroelectronics ST10F296E Datasheet HTML 222Page - STMicroelectronics ST10F296E Datasheet HTML 223Page - STMicroelectronics ST10F296E Datasheet HTML 224Page - STMicroelectronics ST10F296E Datasheet HTML 225Page - STMicroelectronics ST10F296E Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
System reset
ST10F296E
222/346
20.3.2
Exit from synchronous reset state
The reset sequence is extended until the RSTIN level becomes high. It is also internally
prolonged by the Flash initialization when EA = 1 (internal memory selected). Then, the
code execution restarts. The system configuration is latched from Port 0, and the ALE, RD
and WR/WRL pins are driven to their inactive level. The device starts program execution
from memory location 00'0000h in code segment 0. This starting location typically points to
the general initialization routine.
Figure 79 and Figure 80 show the timing of synchronous reset sequences when booting
from internal or external memory respectively. They emphasize a short reset event
degenerating into a long reset.
Figure 81 and Figure 82 shows the timing of a typical synchronous long reset when booting
from internal or external memory respectively.
20.3.3
Synchronous reset and the RPD pin
When the RSTIN pin is pulled low (by external hardware or as a consequence of a
bidirectional reset), the RPD internal weak pull-down is activated. The external capacitance
(if any) on the RPD pin is slowly discharged through the internal weak pull-down. If the
voltage level on the RPD pin reaches the input low threshold (c. 2.5 V), the reset event
becomes immediately asynchronous.If a short or long hardware reset occurs, the situation
illustrated in Figure 77 takes place.
If RPD rises above the input threshold, the asynchronous reset is completed. To complete a
synchronous reset normally, the capacitance must be big enough to maintain the voltage on
the RPD pin sufficiently high for the duration of the internal reset sequence.
For software or watchdog reset events, an active synchronous reset is completed regardless
of the RPD status.
The signal that makes that RPD status transparent under reset is the internal RSTF (after
the noise filter).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com