Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 225 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 225 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 221Page - STMicroelectronics ST10F296E Datasheet HTML 222Page - STMicroelectronics ST10F296E Datasheet HTML 223Page - STMicroelectronics ST10F296E Datasheet HTML 224Page - STMicroelectronics ST10F296E Datasheet HTML 225Page - STMicroelectronics ST10F296E Datasheet HTML 226Page - STMicroelectronics ST10F296E Datasheet HTML 227Page - STMicroelectronics ST10F296E Datasheet HTML 228Page - STMicroelectronics ST10F296E Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
System reset
225/346
Figure 81.
Synchronous long hardware reset (EA = 1)
1.
If RPD voltage drops below the threshold voltage (about 2.5 V for 5 V operation) during the reset condition (
RSTIN low),
an asynchronous reset is entered immediately. Even if RPD returns above teh threshold, the reset is taken as
asychronous.
2.
The minimum RSTIN low pulse duration must be longer than 500 ns, to guarantee the pulse is not masked by the internal
filter (see Section 21.1: Idle mode on page 240).
P0[15:13]
Not transparent
RSTF
P0[12:2]
Transparent
Not t.
P0[1:0]
Not t.
Not transparent
FLARST
RST
≤1 ms
1024+8 TCL
≤2 TCL
(1) V
RPD > 2.5 V asynchronous reset not entered
200 mA discharge
RPD
RSTOUT
At this time RSTF is sampled low
so it is definitely a long reset
(after filter)
RSTIN
1024+8 TCL
≤4 TCL(2) ≤12 TCL
≤500 ns
≥ 50 ns
≤500 ns
≥ 50 ns
≤500 ns
≥ 50 ns
IBUS-CS
7 TCL
Not t.
Transparent
Not t.
3..4 TCL
(internal)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com