Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 229 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 229 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 225Page - STMicroelectronics ST10F296E Datasheet HTML 226Page - STMicroelectronics ST10F296E Datasheet HTML 227Page - STMicroelectronics ST10F296E Datasheet HTML 228Page - STMicroelectronics ST10F296E Datasheet HTML 229Page - STMicroelectronics ST10F296E Datasheet HTML 230Page - STMicroelectronics ST10F296E Datasheet HTML 231Page - STMicroelectronics ST10F296E Datasheet HTML 232Page - STMicroelectronics ST10F296E Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
System reset
229/346
20.6
Bidirectional reset
The RSTOUT pin is driven active (low level) at the beginning of any reset sequence
(synchronous/asynchronous hardware, software, and watchdog timer resets). It stays active
low after the end of the initialization routine and until the protected EINIT instruction (End of
Initialization) is completed.
The bidirectional reset function is useful when external devices require a reset signal, but, it
cannot be connected to the RSTOUT pin, because the RSTOUT signal continues during
initialization. In this case, the external memory can run the initialization routine before the
execution of the EINIT instruction.
The bidirectional reset function is enabled by setting the BDRSTEN bit in the SYSCON
register. It can only be enabled during the initialization routine, before the EINIT instruction
is completed.
Once enabled, the open-drain of the RSTIN pin is activated, pulling the reset signal down for
the duration of the internal reset sequence (synchronous/asynchronous hardware,
synchronous software, and synchronous watchdog timer resets). At the end of the internal
reset sequence the pull down is released and:
●
If RSTF is sampled low (8 TCL periods after the internal reset sequence completion,
see Figure 79 and Figure 80) after a short synchronous bidirectional hardware reset,
the short reset becomes a long reset. On the contrary, if RSTF is sampled high, the
device simply exits reset state.
●
After a software or watchdog bidirectional reset, the device exits from reset. If RSTF
remains low for at least 4 TCL periods after exiting reset (minimum time to recognize a
short hardware reset, see Figure 85 and Figure 86), the software or watchdog reset
become a short hardware reset. On the contrary, if RSTF remains low for less than 4
TCL, the device exits the reset state.
The bidirectional reset is not effective when RPD is held low or when a software or
watchdog reset event occurs. On the contrary, if a software or watchdog bidirectional reset
event is active and RPD becomes low, the RSTIN pin is immediately released, while the
internal reset sequence is completed regardless of the RPD status change (1024 TCL).
Note:
The bidirectional reset function is disabled by any reset sequence (when the BDRSTEN bit
of the SYSCON register is cleared). To be activated again, it must be enabled during the
initialization routine.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com