Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 233 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 233 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 229Page - STMicroelectronics ST10F296E Datasheet HTML 230Page - STMicroelectronics ST10F296E Datasheet HTML 231Page - STMicroelectronics ST10F296E Datasheet HTML 232Page - STMicroelectronics ST10F296E Datasheet HTML 233Page - STMicroelectronics ST10F296E Datasheet HTML 234Page - STMicroelectronics ST10F296E Datasheet HTML 235Page - STMicroelectronics ST10F296E Datasheet HTML 236Page - STMicroelectronics ST10F296E Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
System reset
233/346
20.7
Reset circuitry
The internal reset circuitry is described in Figure 91. The RSTIN pin provides an internal
pull-up resistor of 50 k
Ω to 250 kΩ (the minimum reset time must be calculated using the
lowest value).
The internal reset circuitry also provides a programmable (BDRSTEN bit of the SYSCON
register) pull-down to output the internal reset state signal (synchronous reset, watchdog
timer reset, or software reset).
This bidirectional reset function is useful in applications where external devices require a
reset signal, but, it cannot be connected to the RSTOUT pin.
In this case, the external memory can run codes before the EINIT instruction is executed
(end of initialization). The RSTOUT pin is pulled high only when EINIT is executed.
The RPD pin provides an internal weak pull-down resistor which discharges an external
capacitor at a typical rate of 200 µA. If the PWDCFG bit of the SYSCON register is set, an
internal pull-up resistor is activated at the end of the reset sequence. This pull-up charges
any capacitor connected to the RPD pin.
The simplest way to reset the device is to insert a capacitor, C1, between the RSTIN pin and
VSS, and a second capacitor, C0, between the RPD pin and VSS, with a pull-up resistor, R0,
between the RPD pin and VDD. The RSTIN input provides an internal pull-up device
equalling a resistor of 50 k
Ω to 250 kΩ (the minimum reset time must be determined by the
lowest value). Selecting C1, produces a sufficient discharge time to permit the internal or
external oscillator, and/or the internal PLL, and the on-chip voltage regulator to stabilize.
To ensure correct power-up reset with controlled supply current consumption, in particular if
the clock signal requires a long period of time to stabilize, an asynchronous hardware reset
is required during power-up. Consequently, it is recommended to connect the external R0-
C0 circuit shown in Figure 88 to the RPD pin. On power-up, the logical low level on the RPD
pin, forces an asynchronous hardware reset when RSTIN is asserted low. The external pull-
up, R0, then charges the capacitor, C0. Note that an internal pull-down device on the RPD
pin is turned on when the RSTIN pin is low, and causes the external capacitor, C0, to begin
discharging at a typical rate of 100-200 µA. With this mechanism, after power-up reset, short
low pulses applied on RSTIN produce synchronous hardware resets. If RSTIN is asserted
longer than the time needed for C0 to be discharged by the internal pull-down device, the
device is forced into an asynchronous reset. This mechanism ensures recovery from
catastrophic failures.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com