Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 237 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 237 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 233Page - STMicroelectronics ST10F296E Datasheet HTML 234Page - STMicroelectronics ST10F296E Datasheet HTML 235Page - STMicroelectronics ST10F296E Datasheet HTML 236Page - STMicroelectronics ST10F296E Datasheet HTML 237Page - STMicroelectronics ST10F296E Datasheet HTML 238Page - STMicroelectronics ST10F296E Datasheet HTML 239Page - STMicroelectronics ST10F296E Datasheet HTML 240Page - STMicroelectronics ST10F296E Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
System reset
237/346
20.9
Reset summary
Table 132 summarizes the different reset events.
Table 132.
Reset events summary
Event
RSTIN
WDTCON flags
Min
Max
Power-on reset
0
0
N
Asynch.
1 ms (VREG)
1.2 ms (reson. + PLL)
10.2 ms (crystal + PLL)
-
111
10
0
1
N
Asynch.
1 ms (VREG)
-
1
1
1
1
0
1
x
x
Forbidden
x
x
Y
Not applicable
Hardware reset
(asynchronous)
0
0
N
Asynch.
500 ns
-
0
1
1
1
0
0
1
N
Asynch.
500 ns
-
0
1
1
1
0
0
0
Y
Asynch.
500 ns
-
0
1
1
1
0
0
1
Y
Asynch.
500 ns
-
0
1
1
1
0
Short hardware
reset
(synchronous)(1)
1
0
N
Synch.
Max (4 TCL, 500 ns)
1032 + 12 TCL + max (4
TCL, 500 ns)
001
10
1
1
N
Synch.
Max (4 TCL, 500 ns)
1032 + 12 TCL + max (4
TCL, 500ns)
001
10
1
0
Y
Synch.
Max (4 TCL, 500 ns)
1032 + 12 TCL + max (4
TCL, 500 ns)
001
10
Activated by internal logic for 1024 TCL
1
1
Y
Synch.
Max (4 TCL, 500 ns)
1032 + 12 TCL + max (4
TCL, 500 ns)
001
10
Activated by internal logic for 1024 TCL
Long hardware
reset
(synchronous)
1
0
N
Synch.
1032 + 12 TCL + max
(4 TCL, 500 ns)
-
011
10
1
1
N
Synch.
1032 + 12 TCL + max(
4 TCL, 500 ns)
-
011
10
1
0
Y
Synch.
1032 + 12 TCL + max
(4 TCL, 500 ns)
-
011
10
Activated by internal logic only for 1024 TCL
1
1
Y
Synch.
1032 + 12 TCL + max
(4 TCL, 500 ns)
-
011
10
Activated by internal logic only for 1024 TCL
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com