Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 234 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 234 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 230Page - STMicroelectronics ST10F296E Datasheet HTML 231Page - STMicroelectronics ST10F296E Datasheet HTML 232Page - STMicroelectronics ST10F296E Datasheet HTML 233Page - STMicroelectronics ST10F296E Datasheet HTML 234Page - STMicroelectronics ST10F296E Datasheet HTML 235Page - STMicroelectronics ST10F296E Datasheet HTML 236Page - STMicroelectronics ST10F296E Datasheet HTML 237Page - STMicroelectronics ST10F296E Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
System reset
ST10F296E
234/346
Figure 88.
Minimum external reset circuitry
The minimum reset circuit of Figure 88 is not adequate when the RSTIN pin is driven from
the ST10F296E itself during software or watchdog triggered resets. This is because
capacitor C1 keeps the voltage on the RSTIN pin above VIL after the end of the internal reset
sequence, thus triggering an asynchronous reset sequence.
Figure 89 shows an example of a reset circuit. The R1-C1 external circuit is used to
generate power-up or manual reset and the R0-C0 circuit on RPD is used for power-up reset
and to exit from power-down mode. Diode, D1, creates a wired-OR gate connection to the
reset pin and may be replaced by an open-collector Schmitt trigger buffer. Diode, D2,
provides a faster cycle time for repetitive power-on resets.
R2 is an optional pull-up for faster recovery and correct biasing of the TTL open collector
drivers.
Figure 89.
System reset circuit
RSTOUT
RPD
RSTIN
C1
Hardware reset
VCC
+
C0
R0
For power-up reset (and interruptible power-down mode)
External hardware
+
ST10F296
RPD
RSTIN
VDD
+
C0
R0
External hardware
VDD
R2
+
C1
R1
D2
D1
External
reset source
Open-drain inverter
VDD
ST10F296
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com