Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 248 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 248 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 244Page - STMicroelectronics ST10F296E Datasheet HTML 245Page - STMicroelectronics ST10F296E Datasheet HTML 246Page - STMicroelectronics ST10F296E Datasheet HTML 247Page - STMicroelectronics ST10F296E Datasheet HTML 248Page - STMicroelectronics ST10F296E Datasheet HTML 249Page - STMicroelectronics ST10F296E Datasheet HTML 250Page - STMicroelectronics ST10F296E Datasheet HTML 251Page - STMicroelectronics ST10F296E Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register set
ST10F296E
248/346
23
Register set
This section summarizes the registers implemented in the ST10F296E, and explains the
function and layout of the SFRs.
The registers (except the general purpose registers) are organized:
●
By address, to check which register a given address references.
●
By register name, to find the location of a specific register.
23.1
Register description format
Throughout the document, registers are laid out and described as follows:
Word registers
Byte registers
Byte registers do not contain reserved areas nor read-only/write-only bits.
REG_NAME (A16h/A8h)
SFR/ESFR/XBus
Reset value: ****h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Write
only bit
HW
bit
Read
only bit
STD
bit
HW
bit
Bitfield
Bitfield
-W
RW
R
RW
RW
RW
RW
Table 137.
Word register description
Bit
Bit name
Function
Bit(field)
number in
register
bit(field)
name
Explanation of bit(field) name
Description of the functions controlled by the bit(field)
REG_NAME (A16h/A8h)
SFR/ESFR/XBus
Reset value: --**h
15
14
13
12
11
10
987
65432
10
---
-----
STD
bit
HW
bit
bitfield
bitfield
---
----
RW
RW
RW
RW
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com