Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 251 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 251 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 247Page - STMicroelectronics ST10F296E Datasheet HTML 248Page - STMicroelectronics ST10F296E Datasheet HTML 249Page - STMicroelectronics ST10F296E Datasheet HTML 250Page - STMicroelectronics ST10F296E Datasheet HTML 251Page - STMicroelectronics ST10F296E Datasheet HTML 252Page - STMicroelectronics ST10F296E Datasheet HTML 253Page - STMicroelectronics ST10F296E Datasheet HTML 254Page - STMicroelectronics ST10F296E Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
251/346
23.3
SFRs ordered by name
Table 140 lists all SFR registers which are implemented in the ST10F296E. They are
ordered by name in alphabetical order.
Bit-addressable SFRs are indicated by the bolded letter ‘b’ in the ‘Name’ column.
SFRs within the ESFR space are indicated by the bolded letter ‘E’ in the ‘Physical address’
column.
Table 140.
SFRs ordered by name
Name
Physical
address
8-bit
address
Description
Reset
value
ADCIC (b)
FF98h
CCh
ADC end of conversion interrupt control register
--00h
ADCON (b)
FFA0h
D0h
ADC control register
0000h
ADDAT
FEA0h
50h
ADC result register
0000h
ADDAT2
F0A0h (E)
50h
ADC 2 result register
0000h
ADDRSEL1
FE18h
0Ch
Address select register 1
0000h
ADDRSEL2
FE1Ah
0Dh
Address select register 2
0000h
ADDRSEL3
FE1Ch
0Eh
Address select register 3
0000h
ADDRSEL4
FE1Eh
0Fh
Address select register 4
0000h
ADEIC (b)
FF9Ah
CDh
ADC overrun error interrupt control register
--00h
BUSCON0 (b)
FF0Ch
86h
Bus configuration register 0
0xx0h
BUSCON1 (b)
FF14h
8Ah
Bus configuration register 1
0000h
BUSCON2 (b)
FF16h
8Bh
Bus configuration register 2
0000h
BUSCON3 (b)
FF18h
8Ch
Bus configuration register 3
0000h
BUSCON4 (b)
FF1Ah
8Dh
Bus configuration register 4
0000h
CAPREL
FE4Ah
25h
GPT2 capture/reload register
0000h
CC0
FE80h
40h
CAPCOM register 0
0000h
CC0IC (b)
FF78h
BCh
CAPCOM register 0 interrupt control register
--00h
CC1
FE82h
41h
CAPCOM register 1
0000h
CC1IC (b)
FF7Ah
BDh
CAPCOM register 1 interrupt control register
--00h
CC2
FE84h
42h
CAPCOM register 2
0000h
CC2IC (b)
FF7Ch
BEh
CAPCOM register 2 interrupt control register
--00h
CC3
FE86h
43h
CAPCOM register 3
0000h
CC3IC (b)
FF7Eh
BFh
CAPCOM register 3 interrupt control register
--00h
CC4
FE88h
44h
CAPCOM register 4
0000h
CC4IC (b)
FF80h
C0h
CAPCOM register 4 interrupt control register
--00h
CC5
FE8Ah
45h
CAPCOM register 5
0000h
CC5IC (b)
FF82h
C1h
CAPCOM register 5 interrupt control register
--00h
CC6
FE8Ch
46h
CAPCOM register 6
0000h
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com