Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 255 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 255 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 251Page - STMicroelectronics ST10F296E Datasheet HTML 252Page - STMicroelectronics ST10F296E Datasheet HTML 253Page - STMicroelectronics ST10F296E Datasheet HTML 254Page - STMicroelectronics ST10F296E Datasheet HTML 255Page - STMicroelectronics ST10F296E Datasheet HTML 256Page - STMicroelectronics ST10F296E Datasheet HTML 257Page - STMicroelectronics ST10F296E Datasheet HTML 258Page - STMicroelectronics ST10F296E Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
255/346
P1L (b)
FF04h
82h
Port 1 low register (lower half of Port 1)
--00h
P1H (b)
FF06h
83h
Port 1 high register (upper half of Port 1)
--00h
P2 (b)
FFC0h
E0h
Port 2 register
0000h
P3 (b)
FFC4h
E2h
Port 3 register
0000h
P4 (b)
FFC8h
E4h
Port 4 register (8-bit)
--00h
P5 (b)
FFA2h
D1h
Port 5 register (read-only)
XXXXh
P6 (b)
FFCCh
E6h
Port 6 register (8-bit)
--00h
P7 (b)
FFD0h
E8h
Port 7 register (8-bit)
--00h
P8 (b)
FFD4h
EAh
Port 8 register (8-bit)
--00h
P5DIDIS (b)
FFA4h
D2h
Port 5 digital disable register
0000h
PECC0
FEC0h
60h
PEC channel 0 control register
0000h
PECC1
FEC2h
61h
PEC channel 1 control register
0000h
PECC2
FEC4h
62h
PEC channel 2 control register
0000h
PECC3
FEC6h
63h
PEC channel 3 control register
0000h
PECC4
FEC8h
64h
PEC channel 4 control register
0000h
PECC5
FECAh
65h
PEC channel 5 control register
0000h
PECC6
FECCh
66h
PEC channel 6 control register
0000h
PECC7
FECEh
67h
PEC channel 7 control register
0000h
PICON (b)
F1C4h (E)
E2h
Port input threshold control register
--00h
PP0
F038h (E)
1Ch
PWM module period register 0
0000h
PP1
F03Ah (E)
1Dh
PWM module period register 1
0000h
PP2
F03Ch (E)
1Eh
PWM module period register 2
0000h
PP3
F03Eh (E)
1Fh
PWM module period register 3
0000h
PSW (b)
FF10h
88h
CPU program status word
0000h
PT0
F030h (E)
18h
PWM module up/down counter 0
0000h
PT1
F032h (E)
19h
PWM module up/down counter 1
0000h
PT2
F034h (E)
1Ah
PWM module up/down counter 2
0000h
PT3
F036h (E)
1Bh
PWM module up/down counter 3
0000h
PW0
FE30h
18h
PWM module pulse width register 0
0000h
PW1
FE32h
19h
PWM module pulse width register 1
0000h
PW2
FE34h
1Ah
PWM module pulse width register 2
0000h
PW3
FE36h
1Bh
PWM module pulse width register 3
0000h
PWMCON0 (b)
FF30h
98h
PWM module control register 0
0000h
PWMCON1 (b)
FF32h
99h
PWM module control register 1
0000h
Table 140.
SFRs ordered by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com