Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 257 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 257 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 253Page - STMicroelectronics ST10F296E Datasheet HTML 254Page - STMicroelectronics ST10F296E Datasheet HTML 255Page - STMicroelectronics ST10F296E Datasheet HTML 256Page - STMicroelectronics ST10F296E Datasheet HTML 257Page - STMicroelectronics ST10F296E Datasheet HTML 258Page - STMicroelectronics ST10F296E Datasheet HTML 259Page - STMicroelectronics ST10F296E Datasheet HTML 260Page - STMicroelectronics ST10F296E Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
257/346
T2IC (b)
FF60h
B0h
GPT1 timer 2 interrupt control register
--00h
T3
FE42h
21h
GPT1 timer 3 register
0000h
T3CON (b)
FF42h
A1h
GPT1 timer 3 control register
0000h
T3IC (b)
FF62h
B1h
GPT1 timer 3 interrupt control register
--00h
T4
FE44h
22h
GPT1 timer 4 register
0000h
T4CON (b)
FF44h
A2h
GPT1 timer 4 control register
0000h
T4IC (b)
FF64h
B2h
GPT1 timer 4 interrupt control register
--00h
T5
FE46h
23h
GPT2 timer 5 register
0000h
T5CON (b)
FF46h
A3h
GPT2 timer 5 control register
0000h
T5IC (b)
FF66h
B3h
GPT2 timer 5 interrupt control register
--00h
T6
FE48h
24h
GPT2 timer 6 register
0000h
T6CON (b)
FF48h
A4h
GPT2 timer 6 control register
0000h
T6IC (b)
FF68h
B4h
GPT2 timer 6 interrupt control register
--00h
T7
F050h (E)
28h
CAPCOM timer 7 register
0000h
T78CON (b)
FF20h
90h
CAPCOM timer 7 and 8 control register
0000h
T7IC (b)
F17Ah (E)
BDh
CAPCOM timer 7 interrupt control register
--00h
T7REL
F054h (E)
2Ah
CAPCOM timer 7 reload register
0000h
T8
F052h (E)
29h
CAPCOM timer 8 register
0000h
T8IC (b)
F17Ch (E)
BEh
CAPCOM timer 8 interrupt control register
--00h
T8REL
F056h (E)
2Bh
CAPCOM timer 8 reload register
0000h
TFR (b)
FFACh
D6h
Trap flag register
0000h
WDT
FEAEh
57h
Watchdog timer register (read-only)
0000h
WDTCON (b)
FFAEh
D7h
Watchdog timer control register
00xxh(2)
XADRS3
F01Ch (E)
0Eh
XPER address select register 3
800Bh
XP0IC (b)
F186h (E)
C3h
See Section 9.1: XPeripheral interrupt
--00h(3)
XP1IC (b)
F18Eh (E)
C7h
See Section 9.1: XPeripheral interrupt
--00h(3)
XP2IC (b)
F196h (E)
CBh
See Section 9.1: XPeripheral interrupt
--00h(3)
XP3IC (b)
F19Eh (E)
CFh
See Section 9.1: XPeripheral interrupt
--00h (3)
XPERCON
F024h (E)
12h
XPER configuration register
--05h
ZEROS (b)
FF1Ch
8Eh
Constant value 0’s register (read-only)
0000h
1.
System configuration is selected during reset. The SYSCON reset value is 0000 0xx0 x000 0000b.
2.
The reset value depends on different triggered reset events.
3.
The XPnIC interrupt control register control interrupt requests from the integrated XBus peripherals. Some software
controlled interrupt requests may be generated by setting the XPnIR bits (of the XPnIC register) of the unused XPeripheral
nodes.
Table 140.
SFRs ordered by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com