Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 258 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 258 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 254Page - STMicroelectronics ST10F296E Datasheet HTML 255Page - STMicroelectronics ST10F296E Datasheet HTML 256Page - STMicroelectronics ST10F296E Datasheet HTML 257Page - STMicroelectronics ST10F296E Datasheet HTML 258Page - STMicroelectronics ST10F296E Datasheet HTML 259Page - STMicroelectronics ST10F296E Datasheet HTML 260Page - STMicroelectronics ST10F296E Datasheet HTML 261Page - STMicroelectronics ST10F296E Datasheet HTML 262Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register set
ST10F296E
258/346
23.4
SFRs ordered by address
Table 141 lists all SFR registers which are implemented in the ST10F296E, ordered by their
physical address.
Bit-addressable SFRs are indicated by the bolded letter ‘b’ in the ‘Name’ column.
SFRs within the ESFR space are indicated by the bolded letter ‘E’ in the ‘Physical address’
column.
Table 141.
SFRs ordered by address
Name
Physical
address
8-bit
address
Description
Reset value
QX0
F000h (E)
00h
MAC unit offset register X0
0000h
QX1
F002h (E)
01h
MAC unit offset register X1
0000h
QR0
F004h (E)
02h
MAC unit offset register R0
0000h
QR1
F006h (E)
03h
MAC unit offset register R1
0000h
XADRS3
F01Ch (E)
0Eh
XPER address select register 3
800Bh
XPERCON
F024h (E)
12h
XPER configuration register
--05h
PT0
F030h (E)
18h
PWM module up/down counter 0
0000h
PT1
F032h (E)
19h
PWM module up/down counter 1
0000h
PT2
F034h (E)
1Ah
PWM module up/down counter 2
0000h
PT3
F036h (E)
1Bh
PWM module up/down counter 3
0000h
PP0
F038h (E)
1Ch
PWM module period register 0
0000h
PP1
F03Ah (E)
1Dh
PWM module period register 1
0000h
PP2
F03Ch (E)
1Eh
PWM module period register 2
0000h
PP3
F03Eh (E)
1Fh
PWM module period register 3
0000h
T7
F050h (E)
28h
CAPCOM timer 7 register
0000h
T8
F052h (E)
29h
CAPCOM timer 8 register
0000h
T7REL
F054h (E)
2Ah
CAPCOM timer 7 reload register
0000h
T8REL
F056h (E)
2Bh
CAPCOM timer 8 reload register
0000h
IDPROG
F078h (E)
3Ch
Programming voltage identifier register
0040h
IDMEM
F07Ah (E)
3Dh
On-chip memory identifier register
30D0h
IDCHIP
F07Ch (E)
3Eh
Device identifier register (n is the device revision)
128nh
IDMANUF
F07Eh (E)
3Fh
Manufacturer identifier register
0403h
ADDAT2
F0A0h (E)
50h
ADC 2 result register
0000h
SSCTB
F0B0h (E)
58h
SSC transmit buffer (write-only)
0000h
SSCRB
F0B2h (E)
59h
SSC receive buffer (read-only)
XXXXh
SSCBR
F0B4h (E)
5Ah
SSC baud rate register
0000h
DP0L (b)
F100h (E)
80h
P0L direction control register
--00h
DP0H (b)
F102h (E)
81h
P0H direction control register
--00h
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com