Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 259 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 259 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 255Page - STMicroelectronics ST10F296E Datasheet HTML 256Page - STMicroelectronics ST10F296E Datasheet HTML 257Page - STMicroelectronics ST10F296E Datasheet HTML 258Page - STMicroelectronics ST10F296E Datasheet HTML 259Page - STMicroelectronics ST10F296E Datasheet HTML 260Page - STMicroelectronics ST10F296E Datasheet HTML 261Page - STMicroelectronics ST10F296E Datasheet HTML 262Page - STMicroelectronics ST10F296E Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
259/346
DP1L (b)
F104h (E)
82h
P1L direction control register
--00h
DP1H (b)
F106h (E)
83h
P1H direction control register
--00h
RP0H (b)
F108h (E)
84h
System startup configuration register (read-only)
--XXh
CC16IC (b)
F160h (E)
B0h
CAPCOM register 16 interrupt control register
--00h
CC17IC (b)
F162h (E)
B1h
CAPCOM register 17 interrupt control register
--00h
CC18IC (b)
F164h (E)
B2h
CAPCOM register 18 interrupt control register
--00h
CC19IC (b)
F166h (E)
B3h
CAPCOM register 19 interrupt control register
--00h
CC20IC (b)
F168h (E)
B4h
CAPCOM register 20 interrupt control register
--00h
CC21IC (b)
F16Ah (E)
B5h
CAPCOM register 21 interrupt control register
--00h
CC22IC (b)
F16Ch (E)
B6h
CAPCOM register 22 interrupt control register
--00h
CC23IC (b)
F16Eh (E)
B7h
CAPCOM register 23 interrupt control register
--00h
CC24IC (b)
F170h (E)
B8h
CAPCOM register 24 interrupt control register
--00h
CC25IC (b)
F172h (E)
B9h
CAPCOM register 25 interrupt control register
--00h
CC26IC (b)
F174h (E)
BAh
CAPCOM register 26 interrupt control register
--00h
CC27IC (b)
F176h (E)
BBh
CAPCOM register 27 interrupt control register
--00h
CC28IC (b)
F178h (E)
BCh
CAPCOM register 28 interrupt control register
--00h
T7IC (b)
F17Ah (E)
BDh
CAPCOM timer 7 interrupt control register
--00h
T8IC (b)
F17Ch (E)
BEh
CAPCOM timer 8 interrupt control register
--00h
PWMIC (b)
F17Eh (E)
BFh
PWM module interrupt control register
--00h
CC29IC (b)
F184h (E)
C2h
CAPCOM register 29 interrupt control register
--00h
XP0IC (b)
F186h (E)
C3h
See Section 9.1: XPeripheral interrupt
--00h
CC30IC (b)
F18Ch (E)
C6h
CAPCOM register 30 interrupt control register
--00h
XP1IC (b)
F18Eh (E)
C7h
See Section 9.1: XPeripheral interrupt
--00h
CC31IC (b)
F194h (E)
CAh
CAPCOM register 31 interrupt control register
--00h
XP2IC (b)
F196h (E)
CBh
See Section 9.1: XPeripheral interrupt
--00h
S0TBIC (b)
F19Ch (E)
CEh
Serial channel 0 transmit buffer interrupt control register --00h
XP3IC (b)
F19Eh (E)
CFh
See Section 9.1: XPeripheral interrupt
--00h
EXICON (b)
F1C0h (E)
E0h
External interrupt control register
0000h
ODP2 (b)
F1C2h (E)
E1h
Port 2 open-drain control register
0000h
PICON (b)
F1C4h (E)
E2h
Port input threshold control register
--00h
ODP3 (b)
F1C6h (E)
E3h
Port 3 open-drain control register
0000h
ODP4 (b)
F1CAh (E)
E5h
Port 4 open-drain control register
--00h
ODP6 (b)
F1CEh (E)
E7h
Port 6 open-drain control register
--00h
ODP7 (b)
F1D2h (E)
E9h
Port 7 open-drain control register
--00h
Table 141.
SFRs ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com