Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 263 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 263 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 259Page - STMicroelectronics ST10F296E Datasheet HTML 260Page - STMicroelectronics ST10F296E Datasheet HTML 261Page - STMicroelectronics ST10F296E Datasheet HTML 262Page - STMicroelectronics ST10F296E Datasheet HTML 263Page - STMicroelectronics ST10F296E Datasheet HTML 264Page - STMicroelectronics ST10F296E Datasheet HTML 265Page - STMicroelectronics ST10F296E Datasheet HTML 266Page - STMicroelectronics ST10F296E Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
263/346
T2CON (b)
FF40h
A0h
GPT1 timer 2 control register
0000h
T3CON (b)
FF42h
A1h
GPT1 timer 3 control register
0000h
T4CON (b)
FF44h
A2h
GPT1 timer 4 control register
0000h
T5CON (b)
FF46h
A3h
GPT2 timer 5 control register
0000h
T6CON (b)
FF48h
A4h
GPT2 timer 6 control register
0000h
T01CON (b)
FF50h
A8h
CAPCOM timer 0 and timer 1 control register
0000h
CCM0 (b)
FF52h
A9h
CAPCOM mode control register 0
0000h
CCM1 (b)
FF54h
AAh
CAPCOM mode control register 1
0000h
CCM2 (b)
FF56h
ABh
CAPCOM mode control register 2
0000h
CCM3 (b)
FF58h
ACh
CAPCOM mode control register 3
0000h
T2IC (b)
FF60h
B0h
GPT1 timer 2 interrupt control register
--00h
T3IC (b)
FF62h
B1h
GPT1 timer 3 interrupt control register
--00h
T4IC (b)
FF64h
B2h
GPT1 timer 4 interrupt control register
--00h
T5IC (b)
FF66h
B3h
GPT2 timer 5 interrupt control register
--00h
T6IC (b)
FF68h
B4h
GPT2 timer 6 interrupt control register
--00h
CRIC (b)
FF6Ah
B5h
GPT2 CAPREL interrupt control register
--00h
S0TIC (b)
FF6Ch
B6h
Serial channel 0 transmit interrupt control register
--00h
S0RIC (b)
FF6Eh
B7h
Serial channel 0 receive interrupt control register
--00h
S0EIC (b)
FF70h
B8h
Serial channel 0 error interrupt control register
--00h
SSCTIC (b)
FF72h
B9h
SSC transmit interrupt control register
--00h
SSCRIC (b)
FF74h
BAh
SSC receive interrupt control register
--00h
SSCEIC (b)
FF76h
BBh
SSC error interrupt control register
--00h
CC0IC (b)
FF78h
BCh
CAPCOM register 0 interrupt control register
--00h
CC1IC (b)
FF7Ah
BDh
CAPCOM register 1 interrupt control register
--00h
CC2IC (b)
FF7Ch
BEh
CAPCOM register 2 interrupt control register
--00h
CC3IC (b)
FF7Eh
BFh
CAPCOM register 3 interrupt control register
--00h
CC4IC (b)
FF80h
C0h
CAPCOM register 4 interrupt control register
--00h
CC5IC (b)
FF82h
C1h
CAPCOM register 5 interrupt control register
--00h
CC6IC (b)
FF84h
C2h
CAPCOM register 6 interrupt control register
--00h
CC7IC (b)
FF86h
C3h
CAPCOM register 7 interrupt control register
--00h
CC8IC (b)
FF88h
C4h
CAPCOM register 8 interrupt control register
--00h
CC9IC (b)
FF8Ah
C5h
CAPCOM register 9 interrupt control register
--00h
CC10IC (b)
FF8Ch
C6h
CAPCOM register 10 interrupt control register
--00h
CC11IC (b)
FF8Eh
C7h
CAPCOM register 11 interrupt control register
--00h
Table 141.
SFRs ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com