Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 277 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 277 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 273Page - STMicroelectronics ST10F296E Datasheet HTML 274Page - STMicroelectronics ST10F296E Datasheet HTML 275Page - STMicroelectronics ST10F296E Datasheet HTML 276Page - STMicroelectronics ST10F296E Datasheet HTML 277Page - STMicroelectronics ST10F296E Datasheet HTML 278Page - STMicroelectronics ST10F296E Datasheet HTML 279Page - STMicroelectronics ST10F296E Datasheet HTML 280Page - STMicroelectronics ST10F296E Datasheet HTML 281Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
277/346
23.8
Flash registers ordered by address
Table 145 lists all Flash control registers which are implemented in the ST10F296E ordered
by their physical address. As these registers are physically mapped on the XBus, they are
not bit-addressable.
Table 145.
Flash registers ordered by address
Name
Physical
address
Description
Reset
value
FCR0L
0x000E 0000
Flash control register 0 - low
0000h
FCR0H
0x000E 0002
Flash control register 0 - high
0000h
FCR1L
0x000E 0004
Flash control register 1 - low
0000h
FCR1H
0x000E 0006
Flash control register 1 - high
0000h
FDR0L
0x000E 0008
Flash data register 0 - low
FFFFh
FDR0H
0x000E 000A
Flash data register 0 - high
FFFFh
FDR1L
0x000E 000C
Flash data register 1 - low
FFFFh
FDR1H
0x000E 000E
Flash data register 1 - high
FFFFh
FARL
0x000E 0010
Flash address register low
0000h
FARH
0x000E 0012
Flash address register high
0000h
FER
0x000E 0014
Flash error register
0000h
FNVWPXRL
0x000E DFB0
Flash non volatile protection X register low
FFFFh
FNVWPXRH
0x000E DFB2
Flash non volatile protection X register high
FFFFh
FNVWPIRL
0x000E DFB4
Flash non volatile protection I register low
FFFFh
FNVWPIRH
0x000E DFB6
Flash non volatile protection I register high
FFFFh
FNVAPR0
0x000E DFB8
Flash non volatile access protection register 0
ACFFh
FNVAPR1L
0x000E DFBC
Flash non volatile access protection register 1 - low
FFFFh
FNVAPR1H
0x000E DFBE
Flash non volatile access protection register 1 - high FFFFh
XFICR
0x000E E000
XFlash interface control register
000Fh
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com