Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 281 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 281 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 277Page - STMicroelectronics ST10F296E Datasheet HTML 278Page - STMicroelectronics ST10F296E Datasheet HTML 279Page - STMicroelectronics ST10F296E Datasheet HTML 280Page - STMicroelectronics ST10F296E Datasheet HTML 281Page - STMicroelectronics ST10F296E Datasheet HTML 282Page - STMicroelectronics ST10F296E Datasheet HTML 283Page - STMicroelectronics ST10F296E Datasheet HTML 284Page - STMicroelectronics ST10F296E Datasheet HTML 285Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
281/346
7WRCFG(1)
Write configuration control (inverted copy of the WRC bit of the RP0H
register)
0: WR and BHE pins retain their normal function.
1: WR and BHE pins behave as the WRL and WRH pins respectively
6CSCFG
Chip select configuration control
0: Latched chip select lines, CSx changes 1 TCL after rising edge of
ALE
1: Unlatched chip select lines, CSx changes with rising edge of ALE
5
PWDCFG
Power-down mode configuration control
0: Power-down mode can only be entered during PWRDN instruction
execution if NMI pin is low, otherwise, the instruction has no effect. To
exit power-down mode, an external reset must occur by asserting the
RSTIN pin.
1: Power-down mode can only be entered during PWRDN instruction
execution if all enabled fast external interrupt EXxIN pins are in their
inactive level. Exiting this mode can be done by asserting one enabled
EXxIN pin.
4
OWDDIS
Oscillator watchdog disable control
0: Oscillator watchdog (OWD) is enabled. If PLL is bypassed, the
OWD monitors XTAL1 activity. If there is no activity on XTAL1 for at
least 1 µs, the CPU clock is switched automatically to PLL’s base
frequency (250 Hz to 4 MHz).
1: OWD is disabled. If the PLL is bypassed, the CPU clock is always
driven by the XTAL1 signal. The PLL is turned off to reduce power
supply current.
3
BDRSTEN
Bidirectional reset enable
0: RSTIN pin is an input pin only. SW reset or WDT reset have no
effect on this pin.
1: RSTIN pin is a bidirectional pin. This pin is pulled low during 1024
TCL during reset sequence.
2
XPEN
XBus peripheral enable bit
0: Access to the on-chip XPeripherals and their functions are disabled.
1: The on-chip XPeripherals are enabled and can be accessed.
1
VISIBLE
Visible mode control
0: Access to the XBus peripherals is made internally.
1: Access to the XBus peripherals is made visible on the external pins.
0
XPERSHARE
XBus peripheral share mode control
0: External access to the XBus peripherals is disabled.
1: XRAM1 and XRAM2 are accessible via the external bus during hold
mode. External access to other XBus peripherals is not guaranteed in
terms of AC timings.
1.
Bits are set directly or indirectly during the rest sequence according to Port 0 and the EA pin configuration.
Table 150.
SYSCON register description (continued)
Bit
Bit name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com