Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 284 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 284 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 280Page - STMicroelectronics ST10F296E Datasheet HTML 281Page - STMicroelectronics ST10F296E Datasheet HTML 282Page - STMicroelectronics ST10F296E Datasheet HTML 283Page - STMicroelectronics ST10F296E Datasheet HTML 284Page - STMicroelectronics ST10F296E Datasheet HTML 285Page - STMicroelectronics ST10F296E Datasheet HTML 286Page - STMicroelectronics ST10F296E Datasheet HTML 287Page - STMicroelectronics ST10F296E Datasheet HTML 288Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register set
ST10F296E
284/346
RP0H register
RP0H is a read-only register.
RP0H (F108h/84h)
ESFR
Reset value: --XXh
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
----
----
CLKSEL
SALSEL
CSSEL
WRC
----
----
R(1)(2)
1.
Bits 7 to 5 of the RP0H register are loaded only during a long hardware reset. As pull-up resistors are
active on each Port P0H pins during reset, the RP0H default value is FFh.
2.
Bits 7 to 0 of the RP0H register are set according to Port 0 configuration during any reset sequence.
R(2)
R(2)
R(2)
Table 152.
RP0H register description
Bit
Bit name
Function
7-5
CLKSEL
System clock selection
000: fCPU = 16 x fOSC
001: fCPU = 0.5 x fOSC
010: fCPU = 10 x fOSC
011: fCPU = fOSC
100: fCPU = 5 x fOSC
101: fCPU = 8 x fOSC
110: fCPU = 3 x fOSC
111: fCPU = 4 x fOSC
4-3
SALSEL
Segment address line selection (number of active segment address
outputs)
00: 4-bit segment addresses, A19 to A16.
01: No segment address lines.
10: 8-bit segment addresses, A23 to A16.
11: 2-bit segment address, A17 and A16 (default without pull-downs).
2-1
CSSEL
Chip select line selection (number of active CS outputs)
00: Three CS lines, CS2 to CS0.
01: Two CS lines, CS1 and CS0.
10: No CS lines.
11: Five CS lines, CS4 to CS0 (default without pull-downs)
0WRC
Write configuration control
0: WR and BHE pins behave as WRL and WRH pins respectively.
1: WR and BHE pins retain their normal functioning.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com