Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 285 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 285 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 281Page - STMicroelectronics ST10F296E Datasheet HTML 282Page - STMicroelectronics ST10F296E Datasheet HTML 283Page - STMicroelectronics ST10F296E Datasheet HTML 284Page - STMicroelectronics ST10F296E Datasheet HTML 285Page - STMicroelectronics ST10F296E Datasheet HTML 286Page - STMicroelectronics ST10F296E Datasheet HTML 287Page - STMicroelectronics ST10F296E Datasheet HTML 288Page - STMicroelectronics ST10F296E Datasheet HTML 289Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
285/346
EXICON register
EXICON (F1C0h/E0h)
ESFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3210
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES(1)(2)
1.
EXI2ES and EXI3ES must be configured as 01b because RTC interrupt request lines are rising edge
active.
2.
Alarm interrupt request line (RTCAI) is linked with EXI3ES
EXI2ES(1)(3)
3.
Timed interrupt request line (RTCSI) is linked with EXI2ES
EXI1ES
EXI0ES
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 153.
EXICON register description
Bit
Bit name
Function
15-0
EXIxES
(x = 7 to 0)
External interrupt x edge selection field (x = 7...0)
00: Fast external interrupts disabled (standard mode). EXxIN pin not
taken into account for entering/exiting power-down mode.
01: Interrupt on positive rising edge. Power-down mode is entered if
EXiIN = 0 and exited if EXxIN = 1 (referred as ‘high’ active level).
10: Interrupt on negative falling edge. Power-down mode is entered if
EXiIN = 1 and exited if EXxIN = 0 (referred as ‘low’ active level).
11: Interrupt on any edge (rising or falling). Power-down mode is
always entered. It is exited if the EXxIN level changes.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com