Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 286 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 286 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 282Page - STMicroelectronics ST10F296E Datasheet HTML 283Page - STMicroelectronics ST10F296E Datasheet HTML 284Page - STMicroelectronics ST10F296E Datasheet HTML 285Page - STMicroelectronics ST10F296E Datasheet HTML 286Page - STMicroelectronics ST10F296E Datasheet HTML 287Page - STMicroelectronics ST10F296E Datasheet HTML 288Page - STMicroelectronics ST10F296E Datasheet HTML 289Page - STMicroelectronics ST10F296E Datasheet HTML 290Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register set
ST10F296E
286/346
EXISEL register
EXISEL (F1DAh/EDh)
ESFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3210
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS(1)
1.
Alarm interrupt request (RTCAI) is linked with EXI3SS
EXI2SS(2)
2.
Timed interrupt request (RTCSI) is linked with EXI2SS
EXI1SS
EXI0SS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 154.
EXISEL register description
Bit
Bit name
Function
15-0
EXIxSS
External interrupt x source selection (x = 7 to 0)
00: Input from associated Port 2 pin.
01: Input from ‘alternate source’(1).
10: Input from Port 2 pin ORed with ‘alternate source’(1).
11: Input from Port 2 pin ANDed with ‘alternate source’.
1.
Advised configuration
Table 155.
External interrupt selection
EXIxSS
Port 2 pin
Alternate source
0
P2.8
CAN1_RxD
P4.5
1
P2.9
CAN2_RxD/SCL
P4.4
2
P2.10
RTCSI (second)
Internal MUX
3
P2.11
RTCAI (alarm)
Internal MUX
4 to 7
P2.12 to 15
Not used (zero)
-
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com