Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 33 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 33 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 29Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 30Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 31Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 32Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 33Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 34Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 35Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 36Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 37Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
33
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
THERMAL ANALYSIS
The thermal resistance, RθJA, of the QFN-24 thermally enhanced
package is 37°C/W. For long-term reliability, the package junc-
tion temperature should be kept at 150°C or below. Assuming a
maximum ambient temperature of 85°C, the power dissipation
budget, PD(max), is:
PD(max) = (TJ(max) – TA(max))/RθJA
= (150 (°C) – 85 (°C)) / 37 (°C/W) = 1.75 W
The power losses of the IC come from two main contributors: the
boost stage and the output regulators. These losses are calculated
separately, and then summed as follows.
Boost Stage Power Loss
To estimate the dissipation of the boost stage, calculate and sum
the losses due to switching losses, PSW, and conduction losses in
the switch, PCOND:
PD(BOOST) = PCOND + PSW
As an example, consider the following load conditions:
AVDD
VCOM
VGL
VGH
Boost
Voltage (V)
10
4
-8
18
12.1
Max. Current (mA)
100
4
2
2
110
1. Estimate the maximum output power for boost stage:
POUT(max) = VOUT(max) × IOUT (max)
IOUT = IAVDD + IVCOM + IVGL + 2 × IVGH
Based on the above load conditions, we conclude that Boost
VOUT = 12.1 V (see “Boost Controller” section for explanation)
and IOUT = 110 mA. Therefore POUT(max) = 12.1 V × 0.11 A =
1.33 W
2. Estimate the maximum input current:
IIN = PIN /VIN
PIN = POUT /η
where η is efficiency.
Assume minimum VIN of 3 V and a conservative efficiency
of 80%:
IIN = (1.33 W/0.8)/3 V = 0.55 A.
3. Estimate conduction loss for the internal switch:
PCOND = (IIN)2 × RDS(on) × D
D = 1 – VIN /(VOUT + VD)
where D = Duty Cycle of boost switch, VD is the forward
voltage drop of the external boost diode.
Substitute minimum VIN = 3 V, VOUT = 12.1 V, VD = 0.4 V to
get D = 0.76.
PCOND = (0.55 A)2 × 0.7 Ω × 0.76 = 0.16 W
Note that RDS(on) is 0.5 Ω typical, plus 40% for temperature
compensation at 125°C.
4. Estimate switching loss for the internal boost switch:
PSW = ISW × VSW × (tr + tf ) × fSW /2
Where ISW = IIN approximately, VSW = VOUT + VD; tr is the
rise time, and tf the fall time, of VSW.
Assume tr = tf = 10 ns,
PSW = 0.55 A × 12.5 V × (10 ns + 10 ns) × 2 MHz/2 = 0.14 W
Therefore the total power dissipation on the boost stage is:
PD(BOOST) = PCOND + PSW = 0.30 W
Output Regulator Power Loss
The output regulator power dissipation is the sum of the indi-
vidual linear regulators:
PD(REG) = PLDO1 + PLDO2 + PLDO3 + PLDO4
Where LDO1-4 are linear regulators for AVDD, VCOM, VGL
and VGH, respectively.
PLDO1 = (VOUT – VAVDD) × ( IAVDD + IVCOM )
PLDO2 = (VAVDD – VVCOM) × IVCOM
PLDO3 = (VOUT – |VVGL|) × IVGL
PLDO4 = (VOUT – VVGH/2) × 2 × IVGH
Using the previously stated operating conditions, we then have:
PLDO1 = (12.1 V – 10 V) x 104 mA = 218 mW)
PLDO2 = (10 V – 4 V) × 4 mA = 24 mW
PLDO3 = (12.1 V – 8 V) × 2 mA = 8 mW
PLDO4 = (12.1 V – 18 V/2) × 2 × 2 mA = 12 mW
Finally, the IC consumes a bias current of approximately 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com