Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 38 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 38 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 34Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 35Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 36Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 37Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 38Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 39Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 40Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 41Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 42Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Multiple-Output Regulator
for Automotive LCD Displays
A8603
A-1
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
I2C Interface Description
Appendix A
The A8603 provides an I2C-compliant serial interface that
exchanges commands and data between a system microcontroller
(master) and the A8603 (slave). Two bus lines, SCL and SDA,
provide access to the internal control registers. The clock input on
the SCL pin is generated by the master, while the SDA line func-
tions as either an input or an open drain output for the A8603,
depending on the direction of the data flow.
The I2C input thresholds depend on the VBIAS voltage of the
A8603. The threshold levels across the operating VBIAS range are
compatible with 3 V logic.
Timing Considerations
I2C communication is composed of several steps, in the following
sequence:
1. Start Condition. Defined by a negative edge on the SDA line,
while SCL is high (see figure A-1).
2. Address Cycle. 7 bits of address, plus 1 bit to indicate write (0)
or read (1), and an acknowledge bit (see figure A-2).
3. Data Cycles. Reading or writing 8 bits of data followed by an
acknowledge bit (see figure A-2).
4. Stop Condition. Defined by a positive edge on the SDA line,
while SCL is high (see figure A-1).
It is possible for the Start or Stop condition to occur at any time
during a data transfer. The A8603 always responds by resetting
the data transfer sequence. Except to indicate a Start or Stop con-
dition, SDA must be stable while the clock is high (figure A-2).
SDA can only be changed while SCL is low.
SDA
SCL
Start
Condition
Stop
Condition
SDA
SCL
(A) Start and Stop conditions
(B) Clock and data bit synchronization
Figure A-1. Bit transfer on the I2C bus
Figure A-2. Complete data transfer pulse train
Start
Condition
Stop
Condition
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
A1
A2
A3
A4
A5
A6
A0
RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0
AK
AK
Register Address
Slave Device Address
SDA
SCL
SDA
SCL
AK
Acknowledge
Acknowledge
Acknowledge
Acknowledge
Read/Write
1
1
2
3
4
5
6
7
8
9
Data (MSB byte)
Data (LSB byte)
D14 D13 D12 D11 D10 D9 D8
AK
2
3
4
5
6
7
8
9
D6 D5 D4 D3 D2 D1 D0
D15
D7
0/1
0/1 0/1 0/1 0/1 0/1 0/1 0/1
0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1
0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1
0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1
000
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com