Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 20 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 16Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 17Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 18Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 19Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 20Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 21Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 22Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 23Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 24Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
20
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The A8603 contains an integrated DMOS switch and PWM con-
troller to drive a boost converter. The input voltage, VIN, (3.3 V
nominal) is boosted to an intermediate voltage, VOUT, which is
the lowest voltage required to keep all outputs within regula-
Boost Controller
tion. The final output voltage is decided by the regulator, which
requires the highest boost voltage. This is illustrated in Figure 7.
AVDD
VGL
VGH2
VGH3
-12
-8
-6
-4
-2
0
2
4
68
10 12 14 16 18 20 22 24 26 28 30
-10
0
2
4
6
8
10
12
14
16
18
Boost Voltage = highest of:
-VGL + 3.5 V
AVDD + 2.1 V
VGH/2 + 2.9 V
(or VGH/3 + 3.7 V)
Figure 7: Boost Voltage Requirement with Respect to VGL, AVDD and VGH
For example: assume the output requirements for a certain LCD
panel are: VAVDD = 10 V, VVGH = 18 V and VVGL = –7 V, then:
• AVDD (LDO):
VOUT ≥ VAVDD + 2.1 (V) = 12.1 V
• VGH (2× Charge Pump):
VOUT ≥ VVGH / 2 + 2.9 (V) = 11.9 V
• VGL (Inverted Charge Pump):
VOUT ≥ – VVGL + 3.5 (V) = 10.5 V
In this example, AVDD has the highest requirement, so the boost
output voltage will be regulated at a VOUT = 12.1 V approxi-
mately. However, if VVGH were increased to 24 V, it would
require higher voltage, and then the boost converter would
increase the boost output voltage to 14.9 V to satisfy the 2×
charge pump. This leads to higher voltage drop across the linear
regulator for AVDD, and hence higher power loss. In such case, it
is worthwhile to consider the option of 3× charge pump for VGH.
• VGH (2× Charge Pump):
VOUT ≥ VVGH / 2 + 2.9 (V) = 14.9 V
• VGH (3× Charge Pump):
VOUT ≥ VVGH / 3 + 3.7 (V) = 11.7 V
So by using 3× charge pump for VGH, the boost voltage is
reduced to 12.1 V (as dominated by AVDD). This results in lower
power loss and hence better system efficiency.
A block diagram of the A8603 boost controller circuit is shown in
Figure 8. Typical values for external COMP components are RZ
= 511 Ω and CZ = 0.22 µF. Note that the boost stage simply pro-
vides an intermediate voltage. The actual output voltages (AVDD,
VGL, VGH) are controlled by linear regulators and charge
pumps, which contain their own internal compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com