Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 9Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 10Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 11Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 12Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 13Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 14Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 15Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 16Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Programmable Regulators
The A8603 has four voltage regulators: AVDD, VCOM, VGL,
and VGH.
Target voltages of all four regulators are programmable by
internal registers. In addition, other features (such as startup
and shutdown sequences, Fault retry counter, etc.) can also be
programmed.
Table 2: Target Voltages
Output Regulator
Register
Min. Voltage (V)
Max. Voltage (V)
DAC # of Bits
DAC # of Steps
Step Size (mV)
AVDD
00
5 (Reg=0x00)
15 (0x7F)
7
127
78.74
VCOM
01, 02
2.5 (0x0000)
7.5 (0x01FF)
9
511
9.785
VGL
03
–3.6 (0x00)
–13.03 (0x3F)
6
63
–149.7
VGH
04
9.9 (0x00)
31.236 (0x7F)
7
127
168
*Note: AVDD must be at least 1.5V higher than VCOM, so not all combinations of VCOM and AVDD are possible.
Table 3: Startup Time Delay
Refer to Startup Timing Diagram on how those time delays are defined.
Timer
Min. Delay (ms)
Max. Delay (ms)
Step Size (ms)
Number of Bits
t1 = AVDD
0 (0x00)
25.5 (0xFF)
0.1
8
t2 = VCOM
0
25.5
0.1
8
t3 = VGL
0
25.5
0.1
8
t4 = VGH
0
25.5
0.1
8
Table 4: Shutdown Time Delay
Refer to Shutdown Timing Diagram on how those time delays are defined.
Timer
Min. Delay (ms)
Max. Delay (ms)
Step Size (ms)
Number of Bits
t5 = AVDD
0 (0x00)
25.5 (0xFF)
0.1
8
t6 = VCOM
0
25.5
0.1
8
t7 = VGL
0
25.5
0.1
8
t8 = VGH
0
25.5
0.1
8
Dithering:
Reg0x10 bit[0,1]: controls Dithering off, ±5%, 10% or 15%.
Power Sequence:
Reg0x10 bit4: By default VGL is enabled before VGH during power-up. But if this bit is set to ‘1’, then VGH is enabled first.
The target voltage for each output regulator is programmed by
writing to a register, according to the following equation:
Target_Voltage = Min_voltage + #steps × step_size
For example, to set AVDD to 12 V, the user should write ‘0x59’
to Reg0x00. This is because:
#steps = (Target_Voltage – Min_Voltage) / step_size
= (12 – 5) / 0.07874 = 88.9
So the content of Reg0x00 is 89 in decimal, or ‘0x59’ in hexa-
decimal.
Name
Register
Default
Min.
Max.
Step Size
Number of Bits
Watchdog Timer
0x09
51.2 (0x10) ms
9.6 (0x03) ms
99.2 (0x1F) ms
3.2 ms
5
Cooldown Timer
0x0B
102.4 (0x20) ms
9.6 (0x03) ms
201.6 (0x3F) ms
3.2 ms
6
Fault Retry Counter
0x0A
8 (0x08)
0 (0x00)
15 (0x0F)
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com