Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 15Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 16Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 17Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 18Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 19Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 20Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 21Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 22Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 23Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
19
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
An inverting charge pump is used to generate the negative voltage
for VGL. A representative block diagram is shown in Figure 6.
VOUT
CP21
CP22
VGL
AGND
Target Voltage
From boost
output
OCP
To boost
controller
CVGL
500
Discharge
R
2R
0 V
DAC
I2C Register
0x03
7
1.8 V
Enable
Linear Regulator
–1× Charge
Pump
S1
D1
D2
External
Silicon Diode
S2
External
Fly Cap
Switching Sequence:
• S1 and D1 = on: charging external cap
• S2 and D2 = on: dumping to VGL
(external)
Figure 6: Representative Block Diagram of the VGL Negative Charge Pump Mode
The frequency of the charge pumps is the same as the boost
switching frequency (or external SYNC frequency). When an
external SYNC signal is used, it is internally converted into a
clock signal with the same frequency, but at 50% duty cycle.
Recommended values of the external flying capacitor, CFLYx, on
the CPxx pins depends on the switching frequency as shown in the
following table; a voltage rating of 25 V is sufficient.
Table 14: Recommended Flying Capacitor Values
Switching Frequency (MHz)
CFLYx (µF)
2
0.1
1
0.22
0.35
0.47
The value of the flying capacitor can be calculates as follows:
1. The equivalent series resistance of the flying capacitor is:
ESRFLY2 = 1 / ( fSW × CFLY2 )
(2)
2. Assuming a flying capacitor ripple voltage of 100 mV, and a
maximum output current of 20 mA, the series resistance is:
RFLY2 ≤ 0.1 (V) / 0.02 (A) = 5 Ω
3. Therefore at an fSW of 2 MHz, the required capacitance,
CFLY2, is 0.1 μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com