Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 26 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 26 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 22Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 23Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 24Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 25Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 26Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 27Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 28Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 29Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 30Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
26
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
AB
C
DE
FAULT
VGH
VGL
VCOM
AVDD
Internal
Enable
Target
0 V
Target
0 V
0 V
Target
0 V
0 V
30%
80%
Startup
Normal
Operation
Shutdown
Cool Down Timer (10-200 ms)
t_RESTART
Sequence of events:
A: User issues I2C command to set INT_EN = H, to enable all output regulators.
B: Startup is completed successfully when the last regulator (VCOM in this case) has reached 90% target voltage.
C: VCOM output voltage drops to below 80% target due to an output short or unexpected heavy load. The A8603 detects an Output_UVP fault
and shuts down VCOM immediately. All other regulators are then shut down in normal sequence.
D: When the last regulator (VGH in this case) has finished shutdown, the A8603 waits for a cooldown period (programmable between 10 and
200 ms).
E: Retry startup as long as the maximum number or retries (programmable between 0 and 15) is not exceeded.
Figure 14: Timing Diagram where VCOM Suffered an Output Undervoltage Fault during Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com