Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 2Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 3Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 4Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 5Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 6Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 7Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 8Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 9Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
INPUT VOLTAGE AND CURRENT
Input Voltage
VIN
•
3
–
10
V
VIN Pin Undervoltage Lockout
(UVLO) Threshold
VUVLO
VIN rising
•
–
2.8
2.9
V
VIN Pin UVLO Hysteresis
VUVLO(HYS)
–
0.15
0.25
V
BIAS Voltage
VBIAS
Internal BIAS regulator, EN = high
–
2.8
–
V
Shutdown BIAS Current [1]
IVINBIAS(SD) Current into VIN pin, EN = low
•
–
1
10
µA
Standby BIAS Current
IVINBIAS(STB) EN = high, output disabled
–
3
–
mA
Operating BIAS Current
IVINBIAS(OP) EN = high, output enabled
–
6
–
mA
BOOST SWITCH
Switch Peak Current Limit
ISWILIM
Cycle-by-cycle current limit
•
2.2
2.6
3
A
Switch Secondary Current Limit
ISWILIM2
Trips SW_OCP fault if exceeded
–
3.7
–
A
Switch On-Resistance
RDS(on)
ISW = 0.4 A
–
0.4
0.7
Ω
Switch Minimum On-Time
tON(MIN)
•
–
65
120
ns
Switch Minimum Off-Time
tOFF(MIN)
•
–
60
100
ns
SW Pin Leakage Current
ISW(LKG)
VSW = 5 V, EN = low
–
0.1
–
µA
VOUT Pin Leakage Current
IOUT(LKG)
VOUT = 5 V, EN = low
–
0.1
–
µA
VOUT = 10 V, EN = low
–
25
37
µA
SW Pin Overvoltage Protection
Threshold
VSW(OVP)
Measured from SW to GND
•
18.6
21
23
V
SW OVP Detection Time [2]
tSW(OVP)
Minimum pulse width required for VSW ≥
VSW(OVP) to be detected as SW OVP
–
40
–
ns
SW OVP to Shutdown Delay [2]
tFAULT(OVP) Delay from SW OVP to FAULT = L
–
1
2.5
µs
SWITCHING FREQUENCY/SYNCHRONIZATION
FSET_SYNC Pin Voltage
VFSETSYNC
Without using external synchronization signal
–
0.64
–
V
FSET_SYNC Pin Current
IFSETSYNC
22
–
140
µA
Switching Frequency
fSW
RFSET_SYNC = 5.1 kΩ
•
1.8
2
2.2
MHz
Synchronization Frequency
fSYNC
External logic sugnal connected to FSET_
SYNC pin
•
0.35
–
2.25
MHz
Synchronization Minimum On-Time
tSYNC(ON)
•
150
–
–
ns
Synchronization Minimum Off-Time
tSYNC(OFF)
•
150
–
–
ns
Switching Frequency Dithering
Range
ΔfSW0
No external synch, REG0x10 = ‘00b’
–
0
–
%
No external synch, REG0x10 = ‘01b’
–
5
–
%
No external synch, REG0x10 = ‘10b’
–
10
–
%
No external synch, REG0x10 = ‘11b’
–
15
–
%
ELECTRICAL CHARACTERISTICS [1]: Valid at VIN = 5 V, EN = high, fSW = 2 MHz, VAVDD = 10 V, VVGH1 = 20 V, VVGL = –8 V, TJ = TA = 25°C,
except • indicates specifications guaranteed for TJ = TA = −40°C to 125°C, unless otherwise specified
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com