Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8603KESTR-R Datasheet HTML 1Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 2Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 3Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 4Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 5Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 6Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 7Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 8Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Block Diagram
L1
VIN
(3 to 10 V)
SW
D1
VOUT
PGND
V
OUT
AVDD
ON
ON
LDO
1
LDO
2
Boost
Control
VIN
BIAS
FSET/SYNC
COMP
AGND
EN
Ext. Sync.
Ext. Enable
Enable
2.8 V
BIAS
Regulator
Osc with
Dithering
Enable
AVDD_ON
VCOM_ON
VGH_OFF
VGL_OFF
VGH_ON
VGL_ON
Enable
I C
2
Interface
Register
Bank
VGL/VGH
Interlock
D2A
Converters
Regulation
Targets
Ref 1–4
SDA
SCL
ADDR
BIAS
R1
R2
R
Z
R
FSET
C
Z
VIN
FAULT
Fault
OVP
UVP
OCP
TSD
...
VGL
VGL > 90%
VGH
VGH < 30%
Ref3
OFF
ON
Inverter
Charge
Pump
3
Using 2 External
Diodes
VGL
CP22
CP21
VGL
–12 V
+
VGL
CP22
CP21
VGL
–8 V
+
Optional 3× Configuration
VGH3
VGH
CP12
CP11
VGH (3×)
27 V
Ref4
ON
OFF
VGH3
VGH
CP12
CP11
+
VGH (2×)
18 V
2×/3×
Charge
Pump
4
GNDVCOM
VCOM
VCOM
3 to 7.5 V
+
Ref2
ON
Ref1
AVDD
10 V
(Output voltages shown
for typical LCD panel.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com