Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 10Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 11Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 12Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 13Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 14Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 15Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 16Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 17Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 18Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
14
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Registers
Default
Address
Comments
Regulator Programming
0x00-0x13
AVDD_voltage
0x40
0x00
7 bits adjust AVDD regulator output from 5 V to 15 V in 78.74 mV step.
VCOM_voltage_msb
0x1
0x01
9 bits adjust VCOM regulator output from 2.5 V to 7.5 V in 9.785 mV step.
Must be programmed in the order of MSB followed by LSB.
VCOM_voltage_lsb
0x0
0x02
VGL_voltage
0x20
0x03
6 bits adjust VGL regulator output from –3.6 V to –13.03 V in –150 mV step.
VGH_voltage
0x40
0x04
7 bits adjust VGH regulator output from 9.9 V to 31.236 V in 168 mV step.
delay_startup_AVDD
0x0
0x05
Program the turn-on delay for AVDD. 100 µs step size. 0 ms to 25.5 ms.
delay_startup_VCOM
0x20
0x06
Program the turn-on delay for VCOM (after AVDD). 100 µs step size. 0 ms
to 25.5 ms. See Startup Timing diagram.
delay_startup_VGL
0x40
0x07
Program the turn-on delay for VGL. 100 µs step size. 0 ms to 25.5 ms.
delay_startup_VGH
0x40
0x08
Program the turn-on delay for VGH (after VGL). 100 µs step size. 0 ms to
25.5 ms.
watchdog_timer
0x10
0x09
Maximum time allowing regulator to reach its target value. 3.2 ms step.
9.6 ms to 99.2 ms. Same value is used for all regulators.
fault_counter
0x8
0x0A
Programmable counter allowing system to reattempt 0 to 15 times at the
event of fault.
cooldown_timer
0x20
0x0B
Prevent immediate reattempt after the fault. System will wait for timer
to expire before possible reattempt to turn on the regulators. Step size
3.2 ms. Range 9.6 ms to 201.6 ms.
delay_shutdown_AVDD
0x0
0x0C
Program the turn-off delay for AVDD (after VCOM). 100 µs step size. 0 ms
to 25.5 ms. See Shutdown Timing diagram.
delay_shutdown_VCOM
0x0
0x0D
Program the turn-off delay for VCOM. 100 µs step size. 0 ms to 25.5 ms.
delay_shutdown_VGL
0x0
0x0E
Program the turn-off delay for VGL (after VGH). 100 µs step size. 0 ms to
25.5 ms.
delay_shutdown_VGH
0x0
0x0F
Program the turn-off delay for VGH. 100 µs step size. 0 ms to 25.5 ms.
dither
0x0
0x10
Bit[1,0] for dither programming (off/5%/10%/15%);
Bit4 for VGL/VGH power sequence option.
regulator_internal_enable
0x0
0x11
‘1’ = Turn all regulators on. ‘0’ = OFF
spare1
0x0
0x12
Spare
spare2
0x0
0x13
Spare
Fault Status
0x14-0x1B
output_status_now
0x0
0x14
Present output voltage status of regulators (over 10%, 30%, or 90%)
ilimt_status_now
0x0
0x15
Present output current status of regulators (OCP)
fault_status_now
0x0
0x16
Present fault status (TSD, FSET_short, SW_OVP, SW_OCP, etc.)
output_status_hold
0x0
0x17
Latched output voltage status (over 120% or under 80%)
ilimt_status_hold
0x0
0x18
Latched output current status
fault_status_hold
0x0
0x19
Latched fault status
rstatus_hold
0x01
0x1A
Retry counter status [bit 4:7], Diagnostic [2,3], Hard_Reset [1], and POR [0].
sstatus_hold
0x0
0x1B
OVP/UVP status of regulators during startup
Table 5: I2C Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com