Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 35 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 35 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 31Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 32Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 33Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 34Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 35Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 36Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 37Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 38Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 39Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
35
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
PACKAGE OUTLINE DRAWINGS
For Reference Only – Not for Tooling Use
(Reference JEDEC MO-220WGGD)
Dimensions in millimeters– NOTTO SCALE
Exact case and lead configuration at supplier discretion within limits shown
C
SEATING
PLANE
C
0.08
21X
2
1
1
2
2
1
A
A
B
C
D
D
C
4.00 NOM
4.00 NOM
4.10
0.30
0.50
4.10
0.75 NOM
0.20 MIN
0.25 NOM
B
PCB Layout Reference View
Terminal #1 mark area
Exposed thermal pad (reference only, terminal #1 identifier appearance at supplier discretion)
Reference land pattern layout (reference IPC7351 QFN50P400X400X80-25W6M); all pads a minimum of 0.20 mm
from all adjacent pads; adjust as necessary to meet application process requirements and PCB layout tolerances;
when mounting on a multilayer PCB, thermal vias at the exposed thermal pad land can improve thermal dissipation
(reference EIA/JEDEC Standard JESD51-5)
Coplanarity includes exposed thermal pad and terminals
0.90
24
24
24
2.10 NOM
2.10 NOM
2.10
2.10
0.50 BSC
0.40 NOM
0.02 NOM
Figure 20: Package ES, 24-Pin 4 mm × 4 mm QFN with Exposed Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com