Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 6Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 7Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 8Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 9Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 10Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 11Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 12Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 13Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
CHARACTERISTIC PERFORMANCE
VIN
(power supply)
EN
(external enable)
BIAS
(IC internal supply)
FAULT
(pull-up to VIN)
<1 ms
I2C commands
Internal
Enable
AVDD
VCOM
VGL
VGH
Startup Timeout (10 to 99 ms)
tSU_TO
t1
t2
t3
t4
90%
t≥0
t1...t4 = startup delay (0 to 25.5 ms)
AB
C
D
I2C Read/Write allowed at any time; however, user must not
make arbitrary changes in regulator target voltages; otherwise,
it may interfere with startup process or trip OVP/UVP.
Startup Timing Diagram
Sequence of events:
A:System controller brings EN = H to enable the A8603, provided that VIN is above UVLO level.
B:After A8603 performs a Power-On Reset (POR), it pulls down FAULT flag to signal that it is ready for I2C commands. (*)
C:System controller detected FAULT = L and sends in I2C command to clear POR status bit. This resets FAULT to H (unless there were other
faults detected).
D:After Programming the A8603 registers, system controller sets the regulator_internal_enable bit to 1 to turn on all output regulators.
(*) The delay time between EN = H and FAULT = L depends mainly on how fast the external BIAS capacitor can be charged up. For example, charging 1 µF at 5 mA from 0 to
2.8 V takes ~0.6 ms. Therefore, a 1 ms delay time is sufficient.
• Each regulator has a programmable Startup Delay timer. Each timer has a resolution of 0.1 ms and a maximum duration of 25.5 ms.
• VCOM cannot start before AVDD (because internally the VCOM regulator takes its power from AVDD output)
• VGH cannot start before VGL has reached 90% of its target voltage
• There is no dependency between {t1, t2} and {t3, t4}. That means VGL/VGH can start before or after AVDD/VCOM
• If any regulator output failed to reach 90% target after the Startup Timeout period (default 50 ms, starting from Internal Enable = H), the FAULT pin
will be pulled low and all outputs are shut down in an orderly manner. The IC will then retry after a Cool Down period.
Notes on Startup Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com