Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 29 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 29 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 25Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 26Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 27Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 28Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 29Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 30Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 31Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 32Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 33Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
29
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Pre-Output Fault Detection
When EN = High and the A8603 output regulators are enabled
through I2C command, a startup sequence is followed before
the regulators are powered up. The sequence checks for extreme
conditions and proceeds as described in Table 16.
Step Number
Step Description
Step Description
Fault Tripped?
1
Check VIN UVLO
A8603 remains powered-down until VIN is above VUVLO.
No
2
Power-up internal
rail
A8603 initializes.
No
3
Check internal rail
UVLO
BIAS charges internal rail indefinitely, until VBIAS is above UVLO.
No
4
Turn on AVDD
Enable AVDD and check to see if output reaches >90% of target voltage within tSS(TO).
Yes
5
Turn on VGL
Enable VGL and check to see if output reaches >90% of target voltage within tSS(TO).
Yes
6
Turn on VGH
Enable VGH and check to see if output reaches >90% of target voltage within tSS(TO).
Yes
7
Turn on VCOM
Enable VCOM and check to see if output reaches >90% of target voltage within tSS(TO).
Yes
Table 16: Pre-Output Fault Detection Sequence
General Fault Detection
The faults described in Table 17 are continuously monitored,
whether during startup, normal operation, or shutdown.
Table 17: General Fault Detection
Fault Description
A8603 Response to Fault
Fault Tripped?
AVDD, VCOM,VGH or VGL 20%
under target
Shutdown using shutdown sequence. Fault counter increased by one,
retry after tRESTART.
Yes: FAULT set during tRESTART.
AVDD, VCOM,VGH or VGL 20% over
target
Over target regulator rail shutdown immediately. Other regulator rails
shutdown using shutdown sequence. Fault counter increase by one
retry after tRESTART.
Yes: FAULT set during tRESTART.
Overcurrent limit for iAVDD, iVCOM, iVGH
or iVGL
Offending regulator rail goes into current fold-back or current limit.
Shutdown using shutdown sequency after tOCP. Fault counter increase
by one, retry after tRESTART.
Yes: FAULT set during tRESTART.
SW_OVP exceeded
Shutdown all regulators immediately without using shutdown sequence.
Fault counter increased by one, retry after tRESTART.
Yes: FAULT set during tRESTART.
External UVLO reached
Shutdown all regulators immediately without using shutdown sequence.
Fault counter reset to 0, retry after tRESTART.
No
Internal (Bias) UVLO
Shutdown all regulators immediately without using shutdown sequence.
Fault counter reset to 0, retry after tRESTART.
No
TSD exceeded
Shutdown all regulators immediately without using shutdown sequence.
Fault counter increase by one, retry after tRESTART.
Yes: FAULT set during tRESTART.
SWILIM2 (150% of cycle-by-cycle
limit) exceeded
Shutdown all regulators immediately without using shutdown sequence.
Fault counter increased by one, retry after tRESTART.
Yes: FAULT set during tRESTART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com