Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 42 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 42 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 34Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 35Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 36Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 37Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 38Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 39Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 40Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 41Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 42Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
Multiple-Output Regulator
for Automotive LCD Displays
A8603
A-5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
I2C-Compatible Interface Timing Diagram
tSU:STA tHD:STA
tSU:DAT
tHD:DAT
tBUF
tSU:STO
tHIGH
tLOW
SDA
SCL
1
2
3
4
5
6
7
I2C-Compatible Timing Requirements
Characteristics
Symbol
Min.
Typ.
Max.
Units
Bus Free Time Between Stop/Start
tBUF
1.3
–
–
μs
Hold Time Start Condition
tHD:STA
0.6
–
–
μs
Setup Time for Start Condition
tSU:STA
0.6
–
–
μs
SCL Low Time
tLOW
1.3
–
–
μs
SCL High Time
tHIGH
0.6
–
–
μs
Data Setup Time
tSU:DAT
100
–
–
ns
Data Hold Time*
tHD:DAT
0
–
900
ns
Setup Time for Stop Condition
tSU:STO
0.6
–
–
μs
Output Fall Time from VSCL(H) to VSCL(L)
tOF
–
–
250
ns
*For tHD:DAT(min), the master device must provide a hold time of at least 300 ns for the SDA
signal in order to bridge the undefined region of the SCL signal falling edge.
1. Start
2. SDA can change state only when SCL = low
3. SDA must be stable before SCL goes high
4, 5. SCL and SDA output fall time < 250 ns
6. Stop
7. Restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com