Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 40 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 40 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 34Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 35Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 36Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 37Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 38Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 39Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 40Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 41Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 42Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Multiple-Output Regulator
for Automotive LCD Displays
A8603
A-3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
address, and finally the data. The address therefore consists of
two bytes, comprised of the A8603 chip address, with the write
enable bit, followed by the address of the individual register.
After each byte, the slave A8603 acknowledges by transmitting a
low to the master on the SDA line. After writing data to a register
the master must provide a Stop bit if writing is completed. Oth-
erwise, the master can continue sending data to the device and it
will automatically increase the register value by one for addi-
tional data byte. This allows faster data entry but restricts the data
entry to sequential registers.
I2C Command Read from the A8603
The master can read back the register values of the A8603. The
Read command is given in the R/¯
W
¯ bit of the address byte. To do
so, the master transmits data bits to the SDA input of the A8603,
synchronized with the clocking signal the master transmits
simultaneously on the SCL input. The pulse train is shown in fig-
ure A-4. A complete transmission begins with the master pulling
SDA low (Start bit), and completes with the master releasing the
SDA pin (Stop bit). Between these points, the master transmits
a pattern of chip address with the Read command (R/¯
W
¯ = 1) and
then the address of the register to be read. Again, the address
consists of two bytes, comprising the address of the A8603 (chip
address) with the read enable bit, followed by the address of
the individual register. The bus master then executes a Master
Restart, reissues the slave address, then the A8603 exports the
data byte for that register, synchronized with the clock pulse sup-
plied by the master. The master must provide the clock pulses, as
the A8603 slave does not have the capability to generate them.
If the master does not send an non-acknowledge bit (AK = 1)
after receiving the data, the A8603 will continue sending data
from the sequential registers after the addressed one, as shown in
figure A-3. After the master provides an non-acknowledge bit, the
A8603 will stop sending the data. After that, if additional register
reads are required, the process must start over again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com