Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 30 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 30 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 26Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 27Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 28Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 29Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 30Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 31Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 32Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 33Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 34Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
30
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Sleep
Sleep
EN = High and V
IN > UVLO
2.8 V Internal Rail
(V
BIAS) Enabled
V
BIAS > 2.6 V
Enable Internal
References
and Oscillator
System Controller Issues
IC Commands
2
ICReady = High
Initialize Digital
Block. Assert FAULT
Flag to Signal IC
is Ready to Receive
IC Commands.
2
FAULT= Low
Waiting for IC
2
Commands from
System Controller
Reset All IC
2
Registers
Power-DownAll
Regulators in
Sequence
Power-DownAll
Regulators in
Sequence
Fault Occured
EN = L
Fault Monitoring
Fault Diganostics
Normal
Operation
No Faults
Latched Fault
(Group 3)
Non-Latched Fault
(Group 1 and 2)
Power-UpAll
Regulators in
Sequence
System Controller
EnablesAll
Regulators through
IC
2
System Controller
Clears POR Bit and
Programs Each
Regulator
Figure 17: Fault Checking During Startup and Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com