Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 27 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 27 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 23Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 24Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 25Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 26Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 27Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 28Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 29Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 30Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 31Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
27
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
AB
C
DE
Junction
Temperature
VGH
FAULT
VGL
VCOM
AVDD
Internal
Enable
Target
0 V
Target
0 V
0 V
Target
0 V
- 0 V
30%
90%
Startup
IC Heats Up
Shutdown
IC Cools Down
Hysteresis
TSD
TSD – Hyst
Sequence of events:
A: User issues I2C command to set INT_EN = H, to enable all output regulators.
B: Startup is completed successfully when the last regulator (VGH in this case) has reached 90% target voltage.
C: During operation, should the junction temperature rises to TSD threshold (due to high ambient temperature or unexpected heavy load),
the IC turns off all output regulators immediately without following normal shutdown sequence. FAULT is pulled low and fault counter is
incremented by 1.
D: After shutdown is completed, the IC waits for junction temperature to drop to TSD-Hyst (typically 20°C below TSD) before attempting retry.
E: Retry startup as long as the maximum number or retries (programmable between 0 and 15) is not exceeded.
Figure 15: Timing Diagram Showing a Thermal Shutdown and Restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com