Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 8Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 9Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 10Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 11Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 12Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 13Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 14Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 15Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
FUNCTIONAL DESCRIPTION
The A8603 is a flexible multivoltage regulator designed for LCD
panel bias applications. It utilizes a high-efficiency boost con-
verter, together with space-saving low-dropout (LDO) regulator
and charge pump circuits to provide four independently adjust-
able voltage outputs:
• AVDD: Typically between 5 and 15 V. Nominal output current
100 mA. This output is from a LDO powered by VOUT.
• VCOM: Typically between 3 and 7.5 V at 20 mA. The power
supply of this regulator is internally connected to AVDD.
Therefore AVDD must be at least 1.5 V higher than the upper
limit of VCOM.
• VGL: Typically between –12 and –4 V at 4 mA. This voltage
is generated by an inverted charge pump, which is powered by
VOUT.
• VGH: Typically between 10 and 24 V at 4 mA. This voltage is
generated by a 2× charge pump, which is powered by VOUT.
If necessary, an external 3× charge pump can generate a higher
VGH between 20 and 30 V at 4 mA.
Program Diagnostics
A8603 features the I2C (Inter-Integrated Circuit, alternatively
spelled as I2C) serial interface and programmable memory array.
The I2C serial interface allows external microcontroller or some
type of master device to communicate with A8603 as its slave
Micro
Controller
SCL
SDA
Driver
Driver
Driver
ADDR
2 Bit
Decoder
clock
data_in
data_out
addr<1:0>
I2C
Interface
Read/Write
Register Array
A8603
Figure 1: I2C Serial Interface and Programmable
Memory Array
device. Two bus lines, SCL and SDA, provide access to the inter-
nal control registers. The clock input on the SCL pin is generated
by the master, while the SDA line functions as either an input or
an open-drain output for the A8603, depending on the direction
of the data flow.
In case there are two or more slave devices in an I2C network,
each device must present a unique physical address for the master
to select. To avoid conflict, the A8603 uses a 4-level ADDR pin
to set its physical address. Depending on the voltage level at
ADDR, the physical address is set as ‘101,00xx’, where
xx = {00 | 01 | 10 | 11}. This is illustrated by the figure below.
I2C
Interface
SDA
SCL
ADDR
BIAS
(2.8 V)
R1
R2
Figure 2: Select I2C Address by Using Resistor Divider
at ADDR Pin
Table 1: I2C Address Selection Using Resistor Divider
R1 (k)
R2 (k)
VADDR (V)
I2C Address
open
0
0
101,0000
27.4
10
0.75
101,0001
6.98
10
1.65
101,0010
0
open
2.8
101,0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com