Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 34 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 34 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 30Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 31Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 32Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 33Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 34Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 35Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 36Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 37Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 38Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
34
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
from VIN when output regulators are enabled. This adds power
consumption of approximately 15 mW at minimum VIN. There-
fore the sum of power dissipations for all output regulators is
approximately 280 mW.
The total power dissipation of the IC is then the sum of the boost
stage and the linear regulators: 0.30 W + 0.28 W = 0.58 W. This
corresponds to a temperature rise of just 21.5°C. Therefore, at
the highest ambient temperature of 85°C, the estimated junction
temperature is 106.5°C under the above worst-case conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com