Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 4Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 5Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 6Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 7Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 8Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 9Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 10Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 11Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUT CURRENT CAPACITY
AVDD OCP Trip Level
IAVDD(OCP)
Includes IVCOM
200
275
350
mA
VCOM OCP Trip Level
IVCOM(OCP)
36
45
54
mA
VGH OCP Trip Level
IVGH(OCP)
11
20
26
mA
VGL OCP Trip Level
IVGL(OCP)
Current into VGL pin
11
20
26
mA
OUTPUT VOLTAGE ACCURACY
AVDD, VGH, and VGL Load
Regulation
VAVDDreg
VVGHreg
VVGLreg
VAVDD =10 V, IAVDD = 10 to 100 mA
VVGH = 20 V, IVGH = 0.4 to 4 mA
VVGL = –8 V, IVGL = –0.8 to –8 mA
•
–0.1
–
0.1
V
AVDD Accuracy
ErrAVDD
Reg00 = 0x40 (VAVDD = 10.04 V), IAVDD = 50 mA •
–2.1
–
2.1
%
VCOM Accuracy
ErrVCOM
Reg01,02 = 0x100 (VVCOM = 5.005 V),
IVCOM = 10 mA
•
–2.1
–
2.1
%
VGH Accuracy
errVGH
Reg04 = 0x40 (VVGH = 20.65 V), IVGH = 2 mA
•
–2.5
–
2.5
%
VGL Accuracy
errVGL
Reg03 = 0x20 (VVGL = –8.39 V), IVGL = –4 mA
•
–2.5
–
2.5
%
VCOM Step Size
10
mV
VCOM Load Regulation[2]
VVCOMreg
ILOAD = 2 to 20 mA, VVCOM = 5.0 V
•
–5
–
5
mV
VCOM Temperature Coefficient[2]
TCVCOM
VVCOM = 5 V, –30°C < TA < 85°C,
ILOAD = 10 mA
•
–100
–
150
μV/°C
Minimum Dropout for VCOM from
AVDD
VVCOM(DO)
VAVDD = 7 V, IVCOM = 20 mA
–
–
1.5
V
FAULT PIN
FAULT Pull-Down Voltage
VFAULT(PD)
Fault condition asserted, pull-up current = 1 mA
–
–
0.4
V
FAULT Pin Leakage Current
VFAULT(LKG) Fault condition cleared, pull-up to 5 V
–
–
1
µA
PROGRAMMABLE DELAYS AND TIMERS
Startup Timeout/Watchdog Timer
(Time limit for all outputs to reach
90% target, starting from internal
EN=H)
tSU_TO_min
Minimum timeout when Reg0x9 = 0x03 or lower
–
9.6
–
ms
tSU_TO_max Maximum timeout when Reg0x9 = 0x1F
–
99.2
–
ms
Startup Delay Timer#1-4
(One each for AVDD/VCOM/VGL/
VGH)
tSU_DLY_min Minimum delay when Reg_X = 0x00, X = 5..8 [3]
–
0
–
ms
tSU_DLY_max Maximum delay when Reg_X = 0xFF, X = 5..8 [3]
–
25.5
–
ms
Shutdown Timeout
(starting from internal EN = L)
tSD_TO
All outputs discharged to below 10% target
(30% for VGL and VGH)
40
50
65
ms
Shutdown Delay Timer#5-8
(One each for AVDD/VCOM/VGL/
VGH)
tSD_DLY_min
Minimum delay when Reg_X = 0x00,
X = C,D,E,F [3]
–
0
ms
tSD_DLY_max
Maximum delay when Reg_X = 0xFF,
X = C,D,E,F [3]
–
25.5
–
ms
Overcurrent Protection (OCP)
Timeout
tOCP_TO
Maximum time for any output to stay in OCP
fault condition before shutdown.
40
50
60
ms
Fault Retry Counter
NRESTART
Maximum number of fault retries.
Programmable through Reg0x0A
0
–
15
Fault Cool-Down Timer
tRESTART_min
Cooldown time between fault shutdown and
next retry. Reg0x0B = 0x03 or lower
–
9.6
–
ms
tRESTART_max
Cooldown time between fault shutdown and
next retry. Reg0x0B = 0x3F
–
201.6
–
ms
ELECTRICAL CHARACTERISTICS [1] (continued): Valid at VIN = 5 V, EN = high, fSW = 2 MHz, VAVDD = 10 V, VVGH1 = 20 V, VVGL = –8 V,
TJ = TA = 25°C, except • indicates specifications guaranteed for TJ = TA = −40°C to 125°C, unless otherwise specified
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com